Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C554 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16C554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16C554 Datasheet HTML 10Page - Microchip Technology PIC16C554 Datasheet HTML 11Page - Microchip Technology PIC16C554 Datasheet HTML 12Page - Microchip Technology PIC16C554 Datasheet HTML 13Page - Microchip Technology PIC16C554 Datasheet HTML 14Page - Microchip Technology PIC16C554 Datasheet HTML 15Page - Microchip Technology PIC16C554 Datasheet HTML 16Page - Microchip Technology PIC16C554 Datasheet HTML 17Page - Microchip Technology PIC16C554 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
PIC16C55X(A)
DS40143B-page 14
Preliminary
© 1997 Microchip Technology Inc.
4.2
Data Memory Organization
The data memory (Figure 4-4 and Figure 4-5) is
partitioned into two Banks which contain the general
purpose registers and the special function registers.
Bank 0 is selected when the RP0 bit is cleared. Bank 1
is selected when the RP0 bit (STATUS <5>) is set. The
Special Function Registers are located in the first 32
locations of each Bank. Register locations 20-6Fh
(Bank0) on the PIC16C554(A)/556A and 20-7Fh
(Bank0) and A0-BFh (Bank1) on the PIC16C558(A) are
general purpose registers implemented as static RAM.
Some special purpose registers are mapped in Bank 1.
4.2.1
GENERAL PURPOSE REGISTER FILE
The register file is organized as 80 x 8 in the
PIC16C554(A)/556A and 128 x 8 in the PIC16C558(A).
Each is accessed either directly or indirectly through
the File Select Register, FSR (Section 4.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com