Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C554 Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC16C554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554 Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC16C554 Datasheet HTML 86Page - Microchip Technology PIC16C554 Datasheet HTML 87Page - Microchip Technology PIC16C554 Datasheet HTML 88Page - Microchip Technology PIC16C554 Datasheet HTML 89Page - Microchip Technology PIC16C554 Datasheet HTML 90Page - Microchip Technology PIC16C554 Datasheet HTML 91Page - Microchip Technology PIC16C554 Datasheet HTML 92Page - Microchip Technology PIC16C554 Datasheet HTML 93Page - Microchip Technology PIC16C554 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
PIC16C55X(A)
DS40143B-page 90
Preliminary
© 1997 Microchip Technology Inc.
Power-On Reset (POR) ...................................................... 40
Power-up Timer (PWRT)..................................................... 40
Prescaler ............................................................................. 32
PRO MATE
® II Universal Programmer............................... 63
Program Memory Organization ........................................... 13
Q
Quick-Turnaround-Production (QTP) Devices ...................... 7
R
RC Oscillator ....................................................................... 38
Reset................................................................................... 39
RETFIE Instruction.............................................................. 59
RETLW Instruction .............................................................. 59
RETURN Instruction............................................................ 60
RLF Instruction.................................................................... 60
RRF Instruction ................................................................... 60
S
SEEVAL
® Evaluation and Programming System............... 65
Serialized Quick-Turnaround-Production (SQTP) Devices ... 7
SLEEP Instruction ............................................................... 60
Software Simulator (MPLAB-SIM)....................................... 65
Special Features of the CPU............................................... 35
Special Function Registers ................................................. 16
Stack ................................................................................... 21
Status Register.................................................................... 17
SUBLW Instruction.............................................................. 61
SUBWF Instruction.............................................................. 61
SWAPF Instruction.............................................................. 62
T
Timer0
TIMER0 ....................................................................... 29
TIMER0 (TMR0) Interrupt ........................................... 29
TIMER0 (TMR0) Module ............................................. 29
TMR0 with External Clock........................................... 31
Timer1
Switching Prescaler Assignment................................. 33
Timing Diagrams and Specifications................................... 74
TMR0 Interrupt .................................................................... 46
TRIS Instruction .................................................................. 62
TRISA.................................................................................. 23
TRISB.................................................................................. 25
W
Watchdog Timer (WDT) ...................................................... 47
X
XORLW Instruction ............................................................. 62
XORWF Instruction ............................................................. 62
LIST OF EXAMPLES
Example 3-1: Instruction Pipeline Flow .................... 12
Example 4-1: Ndirect Addressing............................. 22
Example 5-1: Read-Modify-Write Instructions
on an I/O Port..................................... 27
Example 6-1: Changing Prescaler
(Timer0
→WDT)................................... 33
Example 6-2: Changing prescaler
(WDT
→Timer0)................................... 33
Example 7-1: Saving the Status and W Registers
in RAM ............................................. 47
LIST OF FIGURES
Figure 3-1:
BlocK Diagram ........................................... 10
Figure 3-2:
Clock/Instruction Cycle ............................... 12
Figure 4-1:
Program Memory Map and Stack for the
PIC16C554/PIC6C554(A) .......................... 13
Figure 4-2:
Program Memory Map and Stack for the
PIC16C556(A) ............................................ 13
Figure 4-3:
Program Memory Map and Stack for the
PIC16C558/PIC16C558(A) ........................ 13
Figure 4-4:
Data Memory Map for the
PIC16C554/554(A) ..................................... 15
Figure 4-5:
Data Memory Map for the
PIC16C558/558(A) ..................................... 15
Figure 4-6:
STATUS Register (Address
03h or 83h) ................................................. 17
Figure 4-7:
OPTION Register (address 81h) ................ 18
Figure 4-8:
INTCON Register (address 0Bh
or 8Bh)........................................................ 19
Figure 4-9:
PCON Register (Address 8Eh)................... 20
Figure 4-10:
Loading Of PC In Different Situations ........ 21
Figure 4-11:
Direct/indirect Addressing
PIC16C55X(A)............................................ 22
Figure 5-1:
Block Diagram of
PORT pins RA<3:0>................................... 23
Figure 5-2:
Block Diagram of RA4 Pin .......................... 23
Figure 5-3:
Block Diagram of RB7:RB4 Pins ................ 25
Figure 5-4:
Block Diagram of RB3:RB0 Pins ................ 25
Figure 5-5:
Successive I/O Operation........................... 27
Figure 6-1:
TIMER0 Block Diagram .............................. 29
Figure 6-2:
TIMER0 (TMR0) Timing: Internal
Clock/No PrescaleR ................................... 29
Figure 6-3:
TIMER0 Timing: Internal Clock/
Prescale 1:2 ............................................... 30
Figure 6-4:
TIMER0 Interrupt Timing ............................ 30
Figure 6-5:
TIMER0 Timing With External Clock .......... 31
Figure 6-6:
Block Diagram of thE Timer0/WDT
Prescaler .................................................... 32
Figure 7-1:
Configuration Word .................................... 36
Figure 7-2:
Crystal Operation (or Ceramic Resonator)
(HS, XT or LP Osc Configuration) .............. 37
Figure 7-3:
External Clock Input Operation
(HS, XT or LP Osc Configuration) .............. 37
Figure 7-4:
External Parallel Resonant Crystal
Oscillator Circuit ......................................... 38
Figure 7-5:
External Series Resonant Crystal
Oscillator Circuit ......................................... 38
Figure 7-6:
RC Oscillator Mode .................................... 38
Figure 7-7:
Simplified Block Diagram of On-chip
Reset Circuit ............................................... 39
Figure 7-8:
Time-out Sequence on Power-up
(MCLR not tied to VDD): Case 1 ................. 43
Figure 7-9:
Time-out Sequence on Power-up
(MCLR not tied to VDD): Case 2 ................. 43
Figure 7-10:
Time-out Sequence on Power-up
(MCLR tied to VDD)..................................... 43
Figure 7-11:
External Power-on Reset Circuit
(For Slow VDD Power-up) ........................... 44
Figure 7-12:
Interrupt Logic ............................................ 45
Figure 7-13:
INT Pin Interrupt Timing ............................. 46
Figure 7-14:
Watchdog Timer Block Diagram................. 48
Figure 7-15:
Summary of Watchdog Timer
Registers .................................................... 48
Figure 7-16:
Wake-up from Sleep Through
Interrupt ...................................................... 49
Figure 7-17:
Typical In-Circuit Serial Programming
Connection ................................................. 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com