Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C554 Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC16C554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC16C554 Datasheet HTML 19Page - Microchip Technology PIC16C554 Datasheet HTML 20Page - Microchip Technology PIC16C554 Datasheet HTML 21Page - Microchip Technology PIC16C554 Datasheet HTML 22Page - Microchip Technology PIC16C554 Datasheet HTML 23Page - Microchip Technology PIC16C554 Datasheet HTML 24Page - Microchip Technology PIC16C554 Datasheet HTML 25Page - Microchip Technology PIC16C554 Datasheet HTML 26Page - Microchip Technology PIC16C554 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 23
PIC16C55X(A)
5.0
I/O PORTS
The PIC16C55X(A) have two ports, PORTA and PORTB.
5.1
PORTA and TRISA Registers
PORTA is a 5-bit wide latch. RA4 is a Schmitt Trigger input
and an open drain output. Port RA4 is multiplexed with the
T0CKI clock input. All other RA port pins have Schmitt
Trigger input levels and full CMOS output drivers. All pins
have data direction bits (TRIS registers) which can config-
ure these pins as input or output.
A '1' in the TRISA register puts the corresponding output
driver in a hi- impedance mode. A '0' in the TRISA register
puts the contents of the output latch on the selected pin(s).
Reading the PORTA register reads the status of the pins,
whereas writing to it will write to the port latch. All write
operations are read-modify-write operations. So a write
to a port implies that the port pins are first read, then this
value is modified and written to the port data latch.
FIGURE 5-1:
BLOCK DIAGRAM OF
PORT PINS RA<3:0>
Note:
On reset, the TRISA register is set to all inputs.
Data
bus
Q
D
Q
CK
Q
D
Q
CK
Q
D
EN
P
N
WR
PortA
WR
TRISA
Data Latch
TRIS Latch
RD TRISA
RD PORTA
Schmitt
input
buffer
VSS
VDD
I/O pin
Trigger
FIGURE 5-2:
BLOCK DIAGRAM OF RA4 PIN
Data
bus
WR
PORTA
WR
TRISA
RD PORTA
Data Latch
TRISA Latch
RD TRISA
Schmitt
Trigger
input
buffer
N
VSS
I/O pin(1)
TMR0 clock input
Note 1: I/O pin has protection diodes to VSS only.
Q
D
Q
CK
Q
D
Q
CK
EN
Q
D
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com