Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C554 Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16C554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554 Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16C554 Datasheet HTML 79Page - Microchip Technology PIC16C554 Datasheet HTML 80Page - Microchip Technology PIC16C554 Datasheet HTML 81Page - Microchip Technology PIC16C554 Datasheet HTML 82Page - Microchip Technology PIC16C554 Datasheet HTML 83Page - Microchip Technology PIC16C554 Datasheet HTML 84Page - Microchip Technology PIC16C554 Datasheet HTML 85Page - Microchip Technology PIC16C554 Datasheet HTML 86Page - Microchip Technology PIC16C554 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 83
PIC16C55X(A)
Plastic Small Outline Family
Notes:
1.
Controlling parameter: inches.
2.
All packages are gull wing lead form.
3.
"D" and "E" are reference datums and do not include mold flash or protrusions. Mold flash or protrusions shall
not exceed .006 package ends and .010 on sides.
4.
The chamfer on the body is optional. If it is not present, a visual index feature must be located within the
cross-hatched area to indicate pin 1 position.
5.
Terminal numbers are shown for reference.
Symbol List for Small Outline Package Parameters
Symbol
Description of Parameters
α
Angular spacing between min. and max. lead positions measured at the gauge plane
A
Distance between seating plane to highest point of body
A1
Distance between seating plane and base plane
B
Width of terminals
C
Thickness of terminals
D
Largest overall package parameter of length
E
Largest overall package width parameter not including leads
e
Linear spacing of true minimum lead position center line to center line
H
Largest overall package dimension of width
L
Length of terminal for soldering to a substrate
N
Total number of potentially usable lead positions
CP
Seating plane coplanarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com