Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 163 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 163 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 159Page - Microchip Technology PIC17C752-08/P Datasheet HTML 160Page - Microchip Technology PIC17C752-08/P Datasheet HTML 161Page - Microchip Technology PIC17C752-08/P Datasheet HTML 162Page - Microchip Technology PIC17C752-08/P Datasheet HTML 163Page - Microchip Technology PIC17C752-08/P Datasheet HTML 164Page - Microchip Technology PIC17C752-08/P Datasheet HTML 165Page - Microchip Technology PIC17C752-08/P Datasheet HTML 166Page - Microchip Technology PIC17C752-08/P Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 163
PIC17C75X
15.2.14.2 BUS COLLISION DURING A RESTART
CONDITION
During a RESTART condition, a bus collision occurs if:
a)
A ’0’ is sampled on SDA when SCL goes from ’0’
to ’1’
b)
SCL goes low before SDA is asserted low, indi-
cating that another master is attempting to trans-
mit a data ’1’.
When the user de-asserts SDA and the pin is allowed
to float high, the BRG is loaded with SSPADD<6:0>,
and counts down to 0.
The SCL pin is then
de-asserted, and when sampled high, the SDA pin is
sampled. If SDA is low, a bus collision has occurred
(i.e. another master is attempting to transmit a data
’0’). If however SDA is sampled high then the BRG is
reloaded and begins counting. If SDA goes from high
to low before the BRG times out, no bus collision
occurs, because no two masters can assert SDA at
exactly the same time.
If, however, SCL goes from high to low before the
BRG times out and SDA has not already been
asserted, then a bus collision occurs. In this case,
another master is attempting to transmit a data ’1’ dur-
ing the RESTART condition.
If at the end of the BRG time out both SCL and SDA
are still high, the SDA pin is driven low, the BRG is
reloaded, and begins counting.
At the end of the
count, regardless of the status of the SCL pin, the SCL
pin is driven low and the RESTART condition is com-
plete. (Figure 15-41)
FIGURE 15-41: BUS COLLISION DURING A RESTART CONDITION (CASE 1)
FIGURE 15-42: BUS COLLISION DURING RESTART CONDITION (CASE 2)
SDA
SCL
RSEN
BCLIF
S
SSPIF
Sample SDA when SCL goes high.
If SDA = 0, set BCLIF and release SDA and SCL
Cleared in software
SDA
SCL
BCLIF
RSEN
S
SSPIF
Interrupt cleared
in software
SCL goes low before SDA,
Set BCLIF. Release SDA and SCL
TBRG
TBRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com