Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 163Page - Microchip Technology PIC17C752-08/P Datasheet HTML 164Page - Microchip Technology PIC17C752-08/P Datasheet HTML 165Page - Microchip Technology PIC17C752-08/P Datasheet HTML 166Page - Microchip Technology PIC17C752-08/P Datasheet HTML 167Page - Microchip Technology PIC17C752-08/P Datasheet HTML 168Page - Microchip Technology PIC17C752-08/P Datasheet HTML 169Page - Microchip Technology PIC17C752-08/P Datasheet HTML 170Page - Microchip Technology PIC17C752-08/P Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 167
PIC17C75X
16.0 ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The analog-to-digital (A/D) converter module has
twelve analog inputs for the PIC17C75X devices.
The A/D allows conversion of an analog input signal to
a corresponding 10-bit digital number. The output of the
sample and hold is the input into the converter, which
generates the result via successive approximation.
The analog reference voltages (positive and negative
supply) are software selectable to either the device’s
supply voltages (AVDD, AVss) or the voltage level on
the RG3/AN0/VREF+ and RG2/AN1/VREF- pins.
The A/D converter has a unique feature of being able
to operate while the device is in SLEEP mode. To oper-
ate in sleep, the A/D clock must be derived from the
A/D’s internal RC oscillator.
The A/D module has four registers. These registers
are:
• A/D Result High Register (ADRESH)
• A/D Result Low Register (ADRESL)
• A/D Control Register0 (ADCON0)
• A/D Control Register1 (ADCON1)
The ADCON0 register, shown in Figure 16-1, controls
the operation of the A/D module. The ADCON1 regis-
ter, shown in Figure 16-2, configures the functions of
the port pins. The port pins can be configured as ana-
log inputs (RG3 and RG2 can also be the voltage refer-
ences) or as digital I/O.
FIGURE 16-1: ADCON0 REGISTER (ADDRESS: 14h, BANK 5)
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
U-0
R/W-0
CHS3
CHS2
CHS1
CHS0
—
GO/DONE
—
ADON
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-4:
CHS2:CHS0: Analog Channel Select bits
0000
= channel 0, (AN0)
0001
= channel 1, (AN1)
0010
= channel 2, (AN2)
0011
= channel 3, (AN3)
0100
= channel 4, (AN4)
0101
= channel 5, (AN5)
0110
= channel 6, (AN6)
0111
= channel 7, (AN7)
1000
= channel 8, (AN8)
1001
= channel 9, (AN9)
1010
= channel 10, (AN10)
1011
= channel 11, (AN11)
11xx
=
RESERVED, do not select
bit 3:
Unimplemented: Read as '0'
bit 2:
GO/DONE: A/D Conversion Status bit
If ADON = 1
1 = A/D conversion in progress (setting this bit starts the A/D conversion which is automatically cleared
by hardware when the A/D conversion is complete)
0 = A/D conversion not in progress
bit 1:
Unimplemented: Read as '0'
bit 0:
ADON: A/D On bit
1 = A/D converter module is operating
0 = A/D converter module is shutoff and consumes no operating current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com