Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 167Page - Microchip Technology PIC17C752-08/P Datasheet HTML 168Page - Microchip Technology PIC17C752-08/P Datasheet HTML 169Page - Microchip Technology PIC17C752-08/P Datasheet HTML 170Page - Microchip Technology PIC17C752-08/P Datasheet HTML 171Page - Microchip Technology PIC17C752-08/P Datasheet HTML 172Page - Microchip Technology PIC17C752-08/P Datasheet HTML 173Page - Microchip Technology PIC17C752-08/P Datasheet HTML 174Page - Microchip Technology PIC17C752-08/P Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 171
PIC17C75X
EXAMPLE 16-1: CALCULATING THE
MINIMUM REQUIRED
ACQUISITION TIME
TACQ = Amplifier Settling Time +
Holding Capacitor Charging Time +
Temperature Coefficient †
† Only required for temperatures
≠ 25°C
TACQ =10
µs + Tcap + [(Temp - 25°C)(0.05 µs/°C)]
TCAP =-CHOLD (RIC + RSS + RS) ln(1/2047)
-200 pF (1 k
Ω + 7 kΩ + 10 kΩ) ln(0.0004885)
-200 pF (18 k
Ω) ln(0.0004885)
-3.6
µs (-7.6241)
27.447
µs
TACQ =10
µs + 27.447 µs + [(50°C - 25°C)(0.05 µs/°C)]
37.447
µs + 1.25 µs
38.697
µs
16.2 Selecting the A/D Conversion Clock
The A/D conversion time per bit is defined as TAD. The
A/D conversion requires a minimum 12TAD per 10-bit
conversion. The source of the A/D conversion clock is
software selected. The four possible options for TAD
are:
•8TOSC
• 32TOSC
• 64TOSC
• Internal RC oscillator
For correct A/D conversions, the A/D conversion clock
(TAD) must be selected to ensure a minimum TAD time
of 1.6
µs.
Table 16-1 and Table 16-2 show the resultant TAD
times derived from the device operating frequencies
and the A/D clock source selected. These times are for
standard voltage range devices.
TABLE 16-1: TAD vs. DEVICE OPERATING FREQUENCIES (STANDARD DEVICES (C))
TABLE 16-2: TAD vs. DEVICE OPERATING FREQUENCIES (EXTENDED VOLTAGE DEVICES (LC))
AD Clock Source (TAD)
Device Frequency
Operation
ADCS1:ADCS0
33 MHz
20 MHz
5 MHz
1.25 MHz
333.33 kHz
8TOSC
00
242 ns(2)
400 ns(2)
1.6
µs
6.4
µs
24
µs
32TOSC
01
970 ns(2)
1.6
µs
6.4
µs
25.6
µs(3)
96
µs(3)
64TOSC
10
1.94
µs
3.2
µs
12.8
µs(3)
51.2
µs(3)
192
µs(3)
RC
11
2 - 6
µs(1, 4)
2 - 6
µs(1, 4)
2 - 6
µs(1, 4)
2 - 6
µs(1, 4)
2 - 6
µs(1)
Legend: Shaded cells are are outside of recommended ranges.
Note 1: The RC source has a typical TAD time of 4
µs.
2: These values violate the minimum required TAD time.
3: For faster conversion times, the selection of another clock source is recommended.
4: When the device frequencies is greater than 1 MHz, the RC A/D conversion clock source is only recom-
mended for sleep operation.
AD Clock Source (TAD)
Device Frequency
Operation
ADCS1:ADCS0
8 MHz
4 MHz
2 MHz
1 MHz
333.33 kHz
8TOSC
00
1.0
µs(2)
2.0
µs(2)
4
µs8 µs
24
µs
32TOSC
01
4.0
µs8 µs
16
µs
32
µs(3)
96
µs(3)
64TOSC
10
8.0
µs
16
µs
32
µs(3)
64
µs(3)
192
µs(3)
RC
11
3 - 9
µs(1, 4)
3 - 9
µs(1, 4)
3 - 9
µs(1, 4)
3 - 9
µs(1)
3 - 9
µs(1)
Legend: Shaded cells are are outside of recommended ranges.
Note 1: The RC source has a typical TAD time of 4
µs.
2: These values violate the minimum required TAD time.
3: For faster conversion times, the selection of another clock source is recommended.
4: When the device frequencies is greater than 1 MHz, the RC A/D conversion clock source is only recom-
mended for sleep operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com