Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 170 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 170 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 166Page - Microchip Technology PIC17C752-08/P Datasheet HTML 167Page - Microchip Technology PIC17C752-08/P Datasheet HTML 168Page - Microchip Technology PIC17C752-08/P Datasheet HTML 169Page - Microchip Technology PIC17C752-08/P Datasheet HTML 170Page - Microchip Technology PIC17C752-08/P Datasheet HTML 171Page - Microchip Technology PIC17C752-08/P Datasheet HTML 172Page - Microchip Technology PIC17C752-08/P Datasheet HTML 173Page - Microchip Technology PIC17C752-08/P Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 320 page
background image
PIC17C75X
DS30264A-page 170
Preliminary
© 1997 Microchip Technology Inc.
16.1 A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 16-4. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD),
Figure 16-4. The source impedance affects the offset
voltage at the analog input (due to pin leakage current).
The maximum recommended impedance for ana-
log sources is 10 kΩ.After the analog input channel is
selected (changed) this acquisition must be done
before the conversion can be started.
To
calculate
the
minimum
acquisition
time,
Equation 16-1 may be used. This equation calculates
the acquisition time to within 1/2 LSb error (1024 steps
for the A/D). The 1/2 LSb error is the maximum error
allowed for the A/D to meet its specified accuracy.
EQUATION 16-1: A/D MINIMUM CHARGING
TIME (FOR CHOLD)
VHOLD = (VREF - (VREF/2048)) • (1 - e(-Tcap/C
HOLD
(RIC + RSS + RS)))
given
VHOLD = (VREF/2048), for 1/2 LSb resolution
VREF = VREF+ - VREF-
or
Tcap = -(200 pF)(1 k
Ω + RSS + RS) ln(1/2047)
Example 16-1 shows the calculation of the minimum
required acquisition time TACQ. This calculation is
based on the following application system assump-
tions.
CHOLD = 200 pF
Rs = 10 k
Ω
1/2 LSb error
VDD = 5V
→ Rss = 7 kΩ
Temp (application system max.) = 50
°C
VHOLD = 0 @ t = 0
Note 1: The reference voltage (VREF) has no
effect on the equation, since it cancels
itself out.
Note 2: The charge holding capacitor (CHOLD) is
not discharged after each conversion.
Note 3: The maximum recommended impedance
for analog sources is 10 k
Ω. This is
required to meet the pin leakage specifi-
cation.
Note 4: After a conversion has completed, a
2.0TAD delay must complete before acqui-
sition can begin again. During this time the
holding capacitor is not connected to the
selected A/D input channel.
FIGURE 16-4: ANALOG INPUT MODEL
CPIN
VA
Rs
ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I leakage
RIC
≤ 1k
Sampling
Switch
SS
RSS
CHOLD
= DAC capacitance
VSS
6V
Sampling Switch
5V
4V
3V
2V
5 6 7 8 9 10 11
( k
Ω )
VDD
= 200 pF
± 500 nA
Legend CPIN
VT
I leakage
RIC
SS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch
= sample/hold capacitance (from DAC)
various junctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com