Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/PT Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16C765/PT
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/PT Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16C765/PT Datasheet HTML 40Page - Microchip Technology PIC16C765/PT Datasheet HTML 41Page - Microchip Technology PIC16C765/PT Datasheet HTML 42Page - Microchip Technology PIC16C765/PT Datasheet HTML 43Page - Microchip Technology PIC16C765/PT Datasheet HTML 44Page - Microchip Technology PIC16C765/PT Datasheet HTML 45Page - Microchip Technology PIC16C765/PT Datasheet HTML 46Page - Microchip Technology PIC16C765/PT Datasheet HTML 47Page - Microchip Technology PIC16C765/PT Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 158 page
background image
PIC16C745/765
DS41124A-page 44
Advanced Information
© 1999 Microchip Technology Inc.
6.2
Using Timer0 with an External Clock
When no prescaler is used, the external clock input is
the same as the prescaler output. The synchronization
of T0CKI with the internal phase clocks is accom-
plished by sampling the prescaler output on the Q2 and
Q4 cycles of the internal phase clocks. Therefore, it is
necessary for T0CKI to be high for at least 2Tosc (and
a small RC delay of 20 ns) and low for at least 2Tosc
(and a small RC delay of 20 ns). Refer to the electrical
specification of the desired device.
6.3
Prescaler
There is only one prescaler available which is mutually
exclusively shared between the Timer0 module and the
watchdog timer. A prescaler assignment for the Timer0
module means that there is no prescaler for the watch-
dog timer, and vice-versa. This prescaler is not readable
or writable (see Figure 6-1).
The PSA and PS<2:0> bits (OPTION_REG<3:0>) deter-
mine the prescaler assignment and prescale ratio.
When assigned to the Timer0 module, all instructions
writing to the TMR0 register (e.g. CLRF 1, MOVWF 1,
BSF 1,x
....etc.) will clear the prescaler. When assigned
to WDT, a CLRWDT instruction will clear the prescaler
along with the watchdog timer. The prescaler is not
readable or writable.
To avoid an unintended device RESET, the following
instruction sequence (shown in Example 6-1) must be
executed when changing the prescaler assignment
from Timer0 to the WDT. This sequence must be fol-
lowed even if the WDT is disabled.
EXAMPLE 6-1:
CHANGING PRESCALER (TIMER0
→WDT)
TABLE 6-1:
REGISTERS ASSOCIATED WITH TIMER0
Note:
Writing to TMR0, when the prescaler is
assigned to Timer0, will clear the prescaler
count, but will not change the prescaler
assignment.
1)
BSF
STATUS, RP0
;Bank1
Lines 2 and 3 do
NOT have to be
included if the final
desired prescale
value is other than
1:1. If 1:1 is the final
desired value, then a
temporary prescale
value is set in lines 2
and 3 and the final
prescale value will
be set in lines 10
and 11.
2)
MOVLW
b’xx0x0xxx’
;Select clock source and prescale value of
3)
MOVWF
OPTION_REG
;other than 1:1
4)
BCF
STATUS, RP0
;Bank0
5)
CLRF
TMR0
;Clear TMR0 and prescaler
6)
BSF
STATUS, RP1
;Bank1
7)
MOVLW
b’xxxx1xxx’
;Select WDT, do not change prescale value
8)
MOVWF
OPTION_REG
;
9)
CLRWDT
;Clears WDT and prescaler
10) MOVLW
b’xxxx1xxx’
;Select new prescale value and WDT
11) MOVWF
OPTION_REG
;
12) BCF
STATUS, RP0
;Bank0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
01h,101h
TMR0
Timer0 module’s register
xxxx xxxx
uuuu uuuu
0Bh,8Bh,
10Bh,18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
81h,181h
OPTION_REG RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: x = unknown, u = unchanged, - = unimplemented locations read as '0'. Shaded cells are not used by Timer0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com