Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/PT Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16C765/PT
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/PT Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16C765/PT Datasheet HTML 63Page - Microchip Technology PIC16C765/PT Datasheet HTML 64Page - Microchip Technology PIC16C765/PT Datasheet HTML 65Page - Microchip Technology PIC16C765/PT Datasheet HTML 66Page - Microchip Technology PIC16C765/PT Datasheet HTML 67Page - Microchip Technology PIC16C765/PT Datasheet HTML 68Page - Microchip Technology PIC16C765/PT Datasheet HTML 69Page - Microchip Technology PIC16C765/PT Datasheet HTML 70Page - Microchip Technology PIC16C765/PT Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 67
PIC16C745/765
10.5.1.10 USB Endpoint Control Register (EPCn)
The Endpoint Control Registers contains the endpoint
control bits for each of the 6 endpoints available on
USB for a decoded address. These four bits define the
control necessary for any one endpoint. Endpoint 0
(ENDP0) is associated with control pipe 0 which is
required by USB for all functions (IN, OUT, and
SETUP). Therefore, after a USB_RST interrupt has
been received the microprocessor should set ENDPT0
to contain 06h.
REGISTER 10-9:
USB ENDPOINT CONTROL REGISTER (UEPn: 198H-19Ah)
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
EP_CTL_DIS
EP_OUT_EN EP_IN_EN EP_STALL
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7-4:
Unimplemented: Read as ’0’.
bit 3-1:
EP_CTL_DIS, EP_OUT_EN, EP_IN_EN: These three bits define if an endpoint is enabled and the direc-
tion of the endpoint. The endpoint enable/direction control is defined as follows:
bit 0:
EP_STALL: When this bit is set it indicates that the endpoint is stalled. This bit has priority over all other
control bits in the Endpoint Enable register, but is only valid if EP_IN_EN=1 or EP_OUT_EN=1. Any access
to this endpoint will cause the USB to return a STALL handshake. The EP_STALL bit can be set or cleared
by the SIE. Refer to the USB 1.1 Specification, Sections 4.4.4 and 8.5.2 for more details on the STALL
protocol.
EP_CTL_DIS EP_OUT_EN
EP_IN_EN
Endpoint Enable/Direction Control
X
0
0
Disable Endpoint
X
0
1
Enable Endpoint for IN tokens only
X
1
0
Enable Endpoint for OUT tokens only
1
1
1
Enable Endpoint for IN and OUT tokens
0
1
1
Enable Endpoint for IN, OUT, and SETUP tokens



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com