Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/PT Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16C765/PT
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/PT Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16C765/PT Datasheet HTML 74Page - Microchip Technology PIC16C765/PT Datasheet HTML 75Page - Microchip Technology PIC16C765/PT Datasheet HTML 76Page - Microchip Technology PIC16C765/PT Datasheet HTML 77Page - Microchip Technology PIC16C765/PT Datasheet HTML 78Page - Microchip Technology PIC16C765/PT Datasheet HTML 79Page - Microchip Technology PIC16C765/PT Datasheet HTML 80Page - Microchip Technology PIC16C765/PT Datasheet HTML 81Page - Microchip Technology PIC16C765/PT Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 158 page
background image
PIC16C745/765
DS41124A-page 78
Advanced Information
© 1999 Microchip Technology Inc.
TABLE 11-5:
REGISTERS ASSOCIATED WITH BAUD RATE GENERATOR
TABLE 11-3:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 0)
Desired
Baud
4 MHz
6 MHz
24 MHz
Actual
Baud
% of
Error
SPBRG
Actual
Baud
% of
Error
SPBRG
Actual
Baud
% of
Error
SPBRG
300
300.48
0.16
207


1200
1201.92
0.16
51
1201.92
0.16
77

2400
2403.85
0.16
25
2403.85
0.16
38
2403.85
0.16
155
4800
4807.69
0.16
12
4934.21
2.80
18
4807.69
0.16
77
9600
10416.67
8.51
5
10416.67
8.51
8
9615.38
0.16
38
19200
20833.33
8.51
2
23437.50
22.07
3
19736.84
2.80
18
38400

46875.00
22.07
1
41666.67
8.51
8
57600

62500.00
8.51
5
115200

125000.00
8.51
2
230400


460800


921600


TABLE 11-4:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 1)
Desired
Baud
4 MHz
6 MHz
24 MHz
Actual
Baud
% of
Error
SPBRG
Actual
Baud
% of
Error
SPBRG
Actual
Baud
% of
Error
SPBRG
300


1200
1201.92
0.16
207


2400
2403.85
0.16
103
2403.85
0.16
155

4800
4807.69
0.16
51
4807.69
0.16
77

9600
9615.38
0.16
25
9615.38
0.16
38
9615.38
0.16
155
19200
19230.77
0.16
12
19736.84
2.80
18
19230.77
0.16
77
38400
41666.67
8.51
5
41666.67
8.51
8
38461.54
0.16
38
57600
62500.00
8.51
3
62500.00
8.51
5
57692.31
0.16
25
115200
12500.00
8.51
1
12500.00
8.51
2
115384.62
0.16
12
230400

250000.00
8.51
5
460800

500000.00
8.51
2
921600


Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—BRGH
TRMT
TX9D
0000 -010
0000 -010
18h
RCSTA
SPEN
RX9
SREN
CREN
—
FERR
OERR RX9D
0000 -00x
0000 -00x
99h
SPBRG
Baud Rate Generator Register
0000 0000
0000 0000
Legend: x = unknown, - = unimplemented read as '0'. Shaded cells are not used by the BRG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com