Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/PT Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16C765/PT
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/PT Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16C765/PT Datasheet HTML 85Page - Microchip Technology PIC16C765/PT Datasheet HTML 86Page - Microchip Technology PIC16C765/PT Datasheet HTML 87Page - Microchip Technology PIC16C765/PT Datasheet HTML 88Page - Microchip Technology PIC16C765/PT Datasheet HTML 89Page - Microchip Technology PIC16C765/PT Datasheet HTML 90Page - Microchip Technology PIC16C765/PT Datasheet HTML 91Page - Microchip Technology PIC16C765/PT Datasheet HTML 92Page - Microchip Technology PIC16C765/PT Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 89
PIC16C745/765
12.0
ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The 8-bit Analog-To-Digital (A/D) converter module has
five inputs for the PIC16C745 and eight for the
PIC16C765.
The A/D allows conversion of an analog input signal to
a corresponding 8-bit digital value. The output of the
sample and hold is the input into the converter, which
generates the result via successive approximation. The
analog reference voltage is software selectable to
either the device’s positive supply voltage (VDD) or the
voltage level on the RA3/AN3/VREF pin.
The A/D converter has a unique feature of being able to
operate while the device is in SLEEP mode. To operate
in sleep, the A/D conversion clock must be derived from
the A/D’s dedicated internal RC oscillator.
The A/D module has three registers. These registers
are:
• A/D Result Register (ADRES)
• A/D Control Register 0 (ADCON0)
• A/D Control Register 1 (ADCON1)
The ADCON0 register, shown in Register 12-1, con-
trols the operation of the A/D module. The ADCON1
register, shown in Register 12-2, configures the func-
tions of the port pins. The port pins can be configured
as analog inputs (RA3 can also be a voltage reference)
or as digital I/O.
Additional information on using the A/D module can be
found in the PICmicro™ Mid-Range MCU Family Ref-
erence Manual (DS33023) and in Application Note,
AN546.
REGISTER 12-1: A/D CONTROL REGISTER (ADCON0: 1Fh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
ADCS1 ADCS0
CHS2
CHS1
CHS0
GO/DONE
—
ADON
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-6:
ADCS<1:0>: A/D Conversion Clock Select bits
00
= FINT/2
01
= FINT/8
10
= FINT/32
11
= FRC (clock derived from dedicated internal oscillator)
bit 5-3:
CHS<2:0>: Analog Channel Select bits
000
= channel 0, (RA0/AN0)
001
= channel 1, (RA1/AN1)
010
= channel 2, (RA2/AN2)
011
= channel 3, (RA3/AN3)
100
= channel 4, (RA5/AN4)
101
= channel 5, (RE0/AN5)(1)
110
= channel 6, (RE1/AN6)(1)
111
= channel 7, (RE2/AN7)(1)
bit 2:
GO/DONE: A/D Conversion Status bit
If ADON = 1
1
= A/D conversion in progress (setting this bit starts the A/D conversion)
0
= A/D conversion not in progress (This bit is automatically cleared by hardware when the A/D conver-
sion is complete)
bit 1:
Unimplemented: Read as '0'
bit 0:
ADON: A/D On bit
1
= A/D converter module is operating
0
= A/D converter module is shutoff and consumes no operating current
Note 1: A/D channels 5, 6 and 7 are implemented on the PIC16C765 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com