Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/PT Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16C765/PT
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/PT Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16C765/PT Datasheet HTML 57Page - Microchip Technology PIC16C765/PT Datasheet HTML 58Page - Microchip Technology PIC16C765/PT Datasheet HTML 59Page - Microchip Technology PIC16C765/PT Datasheet HTML 60Page - Microchip Technology PIC16C765/PT Datasheet HTML 61Page - Microchip Technology PIC16C765/PT Datasheet HTML 62Page - Microchip Technology PIC16C765/PT Datasheet HTML 63Page - Microchip Technology PIC16C765/PT Datasheet HTML 64Page - Microchip Technology PIC16C765/PT Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 61
PIC16C745/765
10.5.1.2
USB Interrupt Enable Register (UIE)
The USB Interrupt Enable Register (UIE) contains
enable bits for each of the interrupt sources within the
USB. Setting any of these bits will enable the respec-
tive interrupt source in the UIR register. The values in
the UIE register only affect the propagation of an inter-
rupt condition to the PIE1 register. Interrupt conditions
can still be polled and serviced.
REGISTER 10-2:
USB INTERRUPT ENABLE REGISTER (UIE: 191h)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
STALL
UIDLE
TOK_DNE ACTIVITY
UERR
USB_RST
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7-6:
Unimplemented: Read as '0'.
bit 5:
STALL: Set to enable STALL interrupts.
1
= STALL interrupt enabled
0
= STALL interrupt disabled
bit 4:
UIDLE: Set to enable IDLE interrupts.
1
= IDLE interrupt enabled
0
= IDLE interrupt disabled
bit 3:
TOK_DNE: Set to enable TOK_DNE interrupts.
1
= TOK_DNE interrupt enabled
0
= TOK_DNE interrupt disabled
bit 2(1): ACTIVITY: Set to enable ACTIVITY interrupts.
1
= ACTIVITY interrupt enabled
0
= ACTIVITY interrupt disabled
bit 1:
UERR: Set to enable ERROR interrupts.
1
= ERROR interrupt enabled
0
= ERROR interrupt disabled
bit 0:
USB_RST: Set to enable USB_RST interrupts.
1
= USB_RST interrupt enabled
0
= USB_RST interrupt disabled
Note 1: This interrupt is the only interrupt active during UCTRL suspend = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com