Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/PT Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC16C765/PT
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/PT Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC16C765/PT Datasheet HTML 77Page - Microchip Technology PIC16C765/PT Datasheet HTML 78Page - Microchip Technology PIC16C765/PT Datasheet HTML 79Page - Microchip Technology PIC16C765/PT Datasheet HTML 80Page - Microchip Technology PIC16C765/PT Datasheet HTML 81Page - Microchip Technology PIC16C765/PT Datasheet HTML 82Page - Microchip Technology PIC16C765/PT Datasheet HTML 83Page - Microchip Technology PIC16C765/PT Datasheet HTML 84Page - Microchip Technology PIC16C765/PT Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 81
PIC16C745/765
11.2.2
USART ASYNCHRONOUS RECEIVER
The receiver block diagram is shown in Figure 11-4.
The data is received on the RC7/RX/DT pin and drives
the data recovery block. The data recovery block is
actually a high speed shifter operating at x16 times the
baud rate, whereas the main receive serial shifter oper-
ates at the bit rate or at FINT.
Once asynchronous mode is selected, reception is
enabled by setting bit CREN (RCSTA<4>).
The heart of the receiver is the receive (serial) shift reg-
ister (RSR). After sampling the STOP bit, the received
data in the RSR is transferred to the RCREG register (if
it is empty). If the transfer is complete, flag bit RCIF
(PIR1<5>) is set. The actual interrupt can be enabled/
disabled by setting/clearing enable bit RCIE (PIE1<5>).
Flag bit RCIF is a read only bit which is cleared by the
hardware. It is cleared when the RCREG register has
been read and is empty. The RCREG is a double buff-
ered register, i.e. it is a two deep FIFO. It is possible for
two bytes of data to be received and transferred to the
RCREG FIFO and a third byte to begin shifting to the
RSR register. On the detection of the STOP bit of the
third byte, if the RCREG register is still full, then overrun
error bit OERR (RCSTA<1>) will be set. The word in the
RSR will be lost. The RCREG register can be read
twice to retrieve the two bytes in the FIFO. Overrun bit
OERR has to be cleared in software. This is done by
resetting the receive logic (CREN is cleared and then
set). If bit OERR is set, transfers from the RSR register
to the RCREG register are inhibited, so it is essential to
clear error bit OERR if it is set. Framing error bit FERR
(RCSTA<2>) is set if a stop bit is detected as clear. Bit
FERR and the 9th receive bit are buffered the same
way as the receive data. Reading the RCREG, will load
bits RX9D and FERR with new values, therefore it is
essential for the user to read the RCSTA register before
reading RCREG register in order not to lose the old
FERR and RX9D information.
FIGURE 11-4: USART RECEIVE BLOCK DIAGRAM
FIGURE 11-5: ASYNCHRONOUS RECEPTION
SPBRG
Baud Rate Generator
RC7/RX/DT
Pin Buffer
and Control
SPEN
Data
Recovery
CREN
OERR
FERR
RSR Register
MSb
LSb
RX9D
RCREG Register
FIFO
Interrupt
RCIF
RCIE
Data Bus
8
Stop
Start
(8)
7
1
0
RX9
• • •
Start
bit
bit7/8
bit1
bit0
bit7/8
bit0
Stop
bit
Start
bit
Start
bit
bit7/8
Stop
bit
RX (pin)
reg
Rcv buffer reg
Rcv shift
Read Rcv
buffer reg
RCREG
RCIF
(interrupt flag)
OERR bit
CREN
WORD 1
RCREG
WORD 2
RCREG
Stop
bit
Note: This timing diagram shows three words appearing on the RX input. The RCREG (receive buffer) is read after the third word,
causing the OERR (overrun) bit to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com