Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/SP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16C765T/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/SP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16C765T/SP Datasheet HTML 24Page - Microchip Technology PIC16C765T/SP Datasheet HTML 25Page - Microchip Technology PIC16C765T/SP Datasheet HTML 26Page - Microchip Technology PIC16C765T/SP Datasheet HTML 27Page - Microchip Technology PIC16C765T/SP Datasheet HTML 28Page - Microchip Technology PIC16C765T/SP Datasheet HTML 29Page - Microchip Technology PIC16C765T/SP Datasheet HTML 30Page - Microchip Technology PIC16C765T/SP Datasheet HTML 31Page - Microchip Technology PIC16C765T/SP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 158 page
background image
PIC16C745/765
DS41124A-page 28
Advanced Information
© 1999 Microchip Technology Inc.
4.2.2.8
PCON REGISTER
The Power Control (PCON) register contains flag bits to
allow differentiation between a Power-on Reset (POR),
a Brown-out Reset (BOR), a Watch-dog Reset (WDT)
and an external MCLR Reset.
REGISTER 4-8:
POWER CONTROL REGISTER REGSTER (PCON: 8Eh)
Note:
BOR is unknown on POR. It must be set by
the user and checked on subsequent
resets to see if BOR is clear, indicating a
brown-out has occurred. The BOR status
bit is a “don't care” and is not predictable if
the brown-out circuit is disabled (by clear-
ing the BODEN bit in the configuration
word).
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-q
—
—
—
—
—
—
POR
BOR
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7-2:
Unimplemented: Read as ’0’
bit 1:
POR: Power-on Reset Status bit
1
= No power-on reset occurred
0
= A power-on reset occurred (must be set in software after a power-on reset occurs)
bit 0:
BOR: Brown-out Reset Status bit
1
= No brown-out reset occurred
0
= A brown-out reset occurred (must be set in software after a brown-out reset occurs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com