Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/SP Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16C765T/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/SP Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16C765T/SP Datasheet HTML 56Page - Microchip Technology PIC16C765T/SP Datasheet HTML 57Page - Microchip Technology PIC16C765T/SP Datasheet HTML 58Page - Microchip Technology PIC16C765T/SP Datasheet HTML 59Page - Microchip Technology PIC16C765T/SP Datasheet HTML 60Page - Microchip Technology PIC16C765T/SP Datasheet HTML 61Page - Microchip Technology PIC16C765T/SP Datasheet HTML 62Page - Microchip Technology PIC16C765T/SP Datasheet HTML 63Page - Microchip Technology PIC16C765T/SP Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 158 page
background image
PIC16C745/765
DS41124A-page 60
Advanced Information
© 1999 Microchip Technology Inc.
10.5
USB Register Map
The USB Control Registers, Buffer Descriptors and
Buffers are located in Bank 3.
10.5.1
CONTROL AND STATUS REGISTERS
The USB module is controlled by 7 registers, plus
those that control each endpoint and endpoint/direc-
tion buffer.
10.5.1.1
USB Interrupt Register (UIR)
The USB Interrupt Status Register (UIR) contains flag
bits for each of the interrupt sources within the USB.
Each of these bits are qualified with their respective
interrupt enable bits (see the Interrupt Enable Register
UIE). All bits of the register are logically OR’ed
together to form a single interrupt source for the micro-
processor interrupt found in PIR1 (USBIF). Once an
interrupt bit has been set, it must be cleared by writing
a 0.
REGISTER 10-1:
USB INTERRUPT FLAGS REGISTER (UIR: 190h)
U-0
U-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
—
—
STALL
UIDLE
TOK_DNE ACTIVITY
UERR
USB_RST
R = Readable bit
C = Clearable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7-6:
Unimplemented: Read as '0'.
bit 5:
STALL: A STALL handshake was sent by the SIE.
bit 4:
UIDLE: This bit is set if the USB has detected a constant idle on the USB bus signals for 3 ms. The idle
timer is reset by activity on the USB bus. Once a IDLE condition has been detected, the user may wish
to place the USB module in SUSPEND by setting the SUSPEND bit in the UCTRL register.
bit 3:
TOK_DNE: This bit is set when the current token being processed is complete. The microprocessor
should immediately read the USTAT register to determine the Endpoint number and direction used for
this token. Clearing this bit causes the USTAT register to be cleared or the USTAT holding register to be
loaded into the STAT register if another token has been processed.
bit 2:
ACTIVITY: Activity on the D+/D- lines will cause the SIE to set this bit. Typically this bit is unmasked
following detection of SLEEP. Users must enable the activity interrupt in the USB Interrupt Register
(UIE: 191h) prior to entering suspend.
bit 1:
UERR: This bit is set when any of the error conditions within the ERR_STAT register has occurred. The
MCU must then read the ERR_STAT register to determine the source of the error.
bit 0:
USB_RST: This bit is set when the USB has decoded a valid USB reset. This will inform the MCU to write
00h into the address register and enable endpoint 0. USB_RST is set once a USB reset has been
detected for 2.5 microseconds. It will not be asserted again until the USB reset condition has been
removed, and then reasserted.
Note 1: Bits can only be modified when UCTRL.SUSPND = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com