Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/SP Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16C765T/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/SP Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16C765T/SP Datasheet HTML 61Page - Microchip Technology PIC16C765T/SP Datasheet HTML 62Page - Microchip Technology PIC16C765T/SP Datasheet HTML 63Page - Microchip Technology PIC16C765T/SP Datasheet HTML 64Page - Microchip Technology PIC16C765T/SP Datasheet HTML 65Page - Microchip Technology PIC16C765T/SP Datasheet HTML 66Page - Microchip Technology PIC16C765T/SP Datasheet HTML 67Page - Microchip Technology PIC16C765T/SP Datasheet HTML 68Page - Microchip Technology PIC16C765T/SP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 65
PIC16C745/765
10.5.1.6
USB Control Register (UCTRL)
The control register provides various control and con-
figuration information for the USB.
REGISTER 10-6:
USB CONTROL REGISTER (UCTRL: 195h)
U-0
U-0
R-X
R/C-0
R/W-0
R/W-0
R/W-0
U-0
—
—
SE0
PKT_DIS Config_Bit RESUME
SUSPND
—
R = Readable bit
W = Writable bit
C = Clearable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
X = Don’t care
bit7
bit0
bit 7-6:
Unimplemented: Read as ’0’.
bit 5:
SE0: Live Single Ended Zero. This status bit indicates that the D+ and D- lines are both pulled to low.
1
= single ended zero being received
0
= single ended zero not being received
bit 4
PKT_DIS: The PKT_DIS bit informs the MCU that the SIE has disabled packet transmission and recep-
tion. Clearing this bit allows the SIE to continue token processing. This bit is set by the SIE when a Setup
Token is received allowing software to dequeue any pending packet transactions in the BDT before resum-
ing token processing. The PKT_DIS bit is set under certain conditions such as back to back SETUP
tokens. This bit is not set on every SETUP token and can be modified only when UCTRL.SUSPND = 0.
bit 3:
Config_Bit: Configuration bit used by firmware during enumeration.
bit 2:
RESUME: Setting this bit will allow the USB to execute resume signaling. This will allow the USB to per-
form remote wake-up. Software must set RESUME to 1 for 10 mS then clear it to 0 to enable remote wake-
up. For more information on RESUME signaling, see Section 7.1.7.5, 11.9 and 11.4.4 in the USB 1.1 spec-
ification.
1
= perform Resume signaling
0
= normal operation
bit 1:
SUSPND: Suspends USB operation and clocks and places the module in low power mode. This bit will
generally be set in response to a UIDLE interrupt. It will generally be reset after an ACTIVITY interrupt.
The VUSB pin will still be driven, however the transceiver outputs are disabled.
1
= USB module in power conserve mode
0
= USB module normal operation
bit 0:
Unimplemented: Read as ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com