Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/SP Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16C765T/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/SP Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16C765T/SP Datasheet HTML 32Page - Microchip Technology PIC16C765T/SP Datasheet HTML 33Page - Microchip Technology PIC16C765T/SP Datasheet HTML 34Page - Microchip Technology PIC16C765T/SP Datasheet HTML 35Page - Microchip Technology PIC16C765T/SP Datasheet HTML 36Page - Microchip Technology PIC16C765T/SP Datasheet HTML 37Page - Microchip Technology PIC16C765T/SP Datasheet HTML 38Page - Microchip Technology PIC16C765T/SP Datasheet HTML 39Page - Microchip Technology PIC16C765T/SP Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 158 page
background image
PIC16C745/765
DS41124A-page 36
Advanced Information
© 1999 Microchip Technology Inc.
TABLE 5-5:
PORTC FUNCTIONS
TABLE 5-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Function
Input
Type
Output
Type
Description
RC0/T1OSO/T1CKI
RC0
ST
CMOS
Bi-directional I/O
T1OSO
—
Xtal
T1 Oscillator Output
T1CKI
ST
—
T1 Clock Input
RC!/T1OSI/CCP2
RC1
ST
CMOS
Bi-directional I/O
T1OSI
Xtal
—
T1 Oscillator Input
CCP2
—
—
Capture In/Compare Out/PWM Out 2
RC2/CCP1/VUSB
RC2
ST
CMOS
Bi-directional I/O
CCP1
—
—
Capture In/Compare Out/PWM Out 1
RC6/TX/CK
RC6
ST
CMOS
Bi-directional I/O
TX
—
CMOS
USART Async Transmit
CK
ST
CMOS
USART Master Out/Slave In Clock
RC7/RX/DT
RC7
ST
CMOS
Bi-directional I/O
RX
ST
—
USART Async Receive
DT
ST
CMOS
USART Data I/O
Legend:
OD = open drain, ST = Schmitt Trigger
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
07h
PORTC
RC7
RC6
—
—
—
RC2
RC1
RC0
xx-- -xxx
uu-- -uuu
87h
TRISC
TRISC7
TRISC6
—
—
—
TRISC2 TRISC1 TRISC0
11-- -111
11-- -111
Legend: x = unknown, u = unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com