Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/SP Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC16C765T/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/SP Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC16C765T/SP Datasheet HTML 33Page - Microchip Technology PIC16C765T/SP Datasheet HTML 34Page - Microchip Technology PIC16C765T/SP Datasheet HTML 35Page - Microchip Technology PIC16C765T/SP Datasheet HTML 36Page - Microchip Technology PIC16C765T/SP Datasheet HTML 37Page - Microchip Technology PIC16C765T/SP Datasheet HTML 38Page - Microchip Technology PIC16C765T/SP Datasheet HTML 39Page - Microchip Technology PIC16C765T/SP Datasheet HTML 40Page - Microchip Technology PIC16C765T/SP Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 37
PIC16C745/765
5.4
PORTD and TRISD Registers
PORTD is an 8-bit port with Schmitt Trigger input buff-
ers. Each pin is individually configured as an input or
output.
PORTD can be configured as an 8-bit wide micropro-
cessor port (parallel slave port) by setting control bit
PSPMODE (TRISE<4>). In this mode, the input buffers
are TTL.
FIGURE 5-6:
PORTD BLOCK DIAGRAM
TABLE 5-7:
PORTD FUNCTIONS
TABLE 5-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Note:
The PIC16C745 does not provide PORTD.
The PORTD and TRISD registers are
reserved. Always maintain these bits clear.
Data
Bus
WR
PORT
WR
TRIS
RD PORT
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
Input
Buffer
I/O pin
Q
D
CK
Q
D
CK
EN
QD
EN
VDD
Name
Function
Input
Type
Output
Type
Description
RD0/PSP0
RD0
TTL
CMOS
Bi-directional I/O(1)
PSP0
TTL
—
Parallel Slave Port data input(1)
RD1/PSP1
RD1
TTL
CMOS
Bi-directional I/O(1)
PSP1
TTL
—
Parallel Slave Port data input(1)
RD2/PSP2
RD2
TTL
CMOS
Bi-directional I/O(1)
PSP2
TTL
—
Parallel Slave Port data input(1)
RD3/PSP3
RD3
TTL
CMOS
Bi-directional I/O(1)
PSP3
TTL
—
Parallel Slave Port data input(1)
RD4/PSP4
RD4
TTL
CMOS
Bi-directional I/O(1)
PSP4
TTL
—
Parallel Slave Port data input(1)
RD5/PSP5
RD5
TTL
CMOS
Bi-directional I/O(1)
PSP5
TTL
—
Parallel Slave Port data input(1)
RD6/PSP6
RD6
TTL
CMOS
Bi-directional I/O(1)
PSP6
TTL
—
Parallel Slave Port data input(1)
RD7/PSP7
RD7
TTL
CMOS
Bi-directional I/O(1)
PSP7
TTL
—
Parallel Slave Port data input(1)
Legend:
OD = open drain, ST = Schmitt Trigger
Note 1:
PIC16C765 only.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
08h
PORTD(1)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
88h
TRISD(1)
PORTD Data Direction Register
1111 1111
1111 1111
Legend: x = unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by PORTD.
Note 1:
PIC16C765 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com