Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/SP Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16C765T/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/SP Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16C765T/SP Datasheet HTML 12Page - Microchip Technology PIC16C765T/SP Datasheet HTML 13Page - Microchip Technology PIC16C765T/SP Datasheet HTML 14Page - Microchip Technology PIC16C765T/SP Datasheet HTML 15Page - Microchip Technology PIC16C765T/SP Datasheet HTML 16Page - Microchip Technology PIC16C765T/SP Datasheet HTML 17Page - Microchip Technology PIC16C765T/SP Datasheet HTML 18Page - Microchip Technology PIC16C765T/SP Datasheet HTML 19Page - Microchip Technology PIC16C765T/SP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 158 page
background image
PIC16C745/765
DS41124A-page 16
Advanced Information
© 1999 Microchip Technology Inc.
FIGURE 4-2:
DATA MEMORY MAP FOR PIC16C745/765
Bank 0
File
Address
Bank 1
File
Address
Bank 2
File
Address
Bank 3
File
Address
Indirect addr.(*)
00h
Indirect addr.(*)
80h
Indirect addr.(*)
100h
Indirect addr.(*)
180h
TMR0
01h
OPTION_REG
81h
TMR0
101h
OPTION_REG
181h
PCL
02h
PCL
82h
PCL
102h
PCL
182h
STATUS
03h
STATUS
83h
STATUS
103h
STATUS
183h
FSR
04h
FSR
84h
FSR
104h
FSR
184h
PORTA
05h
TRISA
85h
105h
185h
PORTB
06h
TRISB
86h
PORTB
106h
TRISB
186h
PORTC
07h
TRISC
87h
107h
187h
PORTD(2)
08h
TRISD(2)
88h
108h
188h
PORTE(2)
09h
TRISE(2)
89h
109h
189h
PCLATH
0Ah
PCLATH
8Ah
PCLATH
10Ah
PCLATH
18Ah
INTCON
0Bh
INTCON
8Bh
INTCON
10Bh
INTCON
18Bh
PIR1
0Ch
PIE1
8Ch
10Ch
18Ch
PIR2
0Dh
PIE2
8Dh
10Dh
18Dh
TMR1L
0Eh
PCON
8Eh
10Eh
18Eh
TMR1H
0Fh
8Fh
10Fh
18Fh
T1CON
10h
90h
110h
UIR
190h
TMR2
11h
91h
111h
UIE
191h
T2CON
12h
PR2
92h
112h
UEIR
192h
13h
93h
113h
UEIE
193h
14h
94h
114h
USTAT
194h
CCPR1L
15h
95h
115h
UCTRL
195h
CCPR1H
16h
96h
116h
UADDR
196h
CCP1CON
17h
97h
117h
USWSTAT(1)
197h
RCSTA
18h
TXSTA
98h
118h
UEP0
198h
TXREG
19h
SPBRG
99h
119h
UEP1
199h
RCREG
1Ah
9Ah
11Ah
UEP2
19Ah
CCPR2L
1Bh
9Bh
11Bh
19Bh(1)
CCPR2H
1Ch
9Ch
11Ch
19Ch(1)
CCP2CON
1Dh
9Dh
11Dh
19Dh(1)
ADRESH
1Eh
9Eh
11Eh
19Eh(1)
ADCON0
1Fh
ADCON1
9Fh
11Fh
19Fh(1)
General
Purpose
Register
96 Bytes
20h
General
Purpose
Register
80 Bytes
A0h
General
Purpose
Register
80 Bytes
120h
USB Dual Port
Memory
64 Bytes
1A0h
1DFh
1E0h
EFh
16Fh
1EFh
accesses
70h-7Fh
F0h
accesses
70h-7Fh
170h
accesses
70h-7Fh
1F0h
7Fh
FFh
17Fh
1FFh
Unimplemented data memory locations, read as ‘0’.
*Not a physical register.
Note 1:
Reserved registers may contain USB state information.
2:
Parallel slave ports (PORTD and PORTE) not implemented on PIC16C745; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com