Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/SP Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC16C765T/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/SP Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC16C765T/SP Datasheet HTML 128Page - Microchip Technology PIC16C765T/SP Datasheet HTML 129Page - Microchip Technology PIC16C765T/SP Datasheet HTML 130Page - Microchip Technology PIC16C765T/SP Datasheet HTML 131Page - Microchip Technology PIC16C765T/SP Datasheet HTML 132Page - Microchip Technology PIC16C765T/SP Datasheet HTML 133Page - Microchip Technology PIC16C765T/SP Datasheet HTML 134Page - Microchip Technology PIC16C765T/SP Datasheet HTML 135Page - Microchip Technology PIC16C765T/SP Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 158 page
background image
PIC16C745/765
DS41124A-page 132
Advanced Information
© 1999 Microchip Technology Inc.
FIGURE 16-5: CLKOUT AND I/O TIMING
TABLE 16-3:
CLKOUT AND I/O TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
10*
TOSH2CKLOSC1
↑ to CLKOUT↓
—
75
200
ns
Note 1
11*
TOSH2CKHOSC1
↑ to CLKOUT↑
—
75
200
ns
Note 1
12*
TCKR
CLKOUT rise time
—
35
100
ns
Note 1
13*
TCKF
CLKOUT fall time
—
35
100
ns
Note 1
14*
TCKL2IOVCLKOUT
↓ to Port out valid
—
—
0.5 TCY + 20
ns
Note 1
15*
TIOV2CKH
Port in valid before CLKOUT
↑
TOSC + 200
—
—
ns
Note 1
16*
TCKH2IOI
Port in hold after CLKOUT
↑
0
—
—
ns
Note 1
17*
TOSH2IOVOSC1
↑ (Q1 cycle) to Port out valid
—
50
150
ns
18*
TOSH2IOIOSC1
↑ (Q2 cycle) to Port input invalid (I/O in hold
time)
100
—
—
ns
18A*
200
—
—
ns
19*
TIOV2OSH
Port input valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20*
TIOR
Port output rise time
—
10
40
ns
20A*
—
—
80
ns
21*
TIOF
Port output fall time
—
10
40
ns
21A*
—
—
80
ns
22††*
TINP
INT pin high or low time
TCY
——
ns
23††*
TRBP
RB<7:4> change INT high or low time
TCY
——
ns
* These parameters are characterized but not tested.
†Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
††These parameters are asynchronous events not related to any internal clock edge.
Note 1: Measurements are taken in EC Mode where CLKOUT output is 4 x TOSC.
2: FINT = OSC1 when PLL
Note: Refer to Figure 16-2 for load conditions.
FINT
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
old value
new value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com