Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/SP Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16LF870/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/SP Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16LF870/SP Datasheet HTML 20Page - Microchip Technology PIC16LF870/SP Datasheet HTML 21Page - Microchip Technology PIC16LF870/SP Datasheet HTML 22Page - Microchip Technology PIC16LF870/SP Datasheet HTML 23Page - Microchip Technology PIC16LF870/SP Datasheet HTML 24Page - Microchip Technology PIC16LF870/SP Datasheet HTML 25Page - Microchip Technology PIC16LF870/SP Datasheet HTML 26Page - Microchip Technology PIC16LF870/SP Datasheet HTML 27Page - Microchip Technology PIC16LF870/SP Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 156 page
background image
PIC16F870/871
DS30569A-page 24
Preliminary
© 1999 Microchip Technology Inc.
2.3
PCL and PCLATH
The Program Counter (PC) is 13-bits wide. The low
byte comes from the PCL Register, which is a readable
and writable register. The upper bits (PC<12:8>) are
not readable, but are indirectly writable through the
PCLATH register. On any reset, the upper bits of the PC
will be cleared. Figure 2-3 shows the two situations for
the loading of the PC. The upper example in the figure
shows how the PC is loaded on a write to PCL
(PCLATH<4:0>
→ PCH). The lower example in the fig-
ure shows how the PC is loaded during a CALL or GOTO
instruction (PCLATH<4:3>
→ PCH).
FIGURE 2-3:
LOADING OF PC IN
DIFFERENT SITUATIONS
2.3.1
COMPUTED GOTO
A computed GOTO is accomplished by adding an offset
to the program counter (ADDWF PCL). When doing a
table read using a computed GOTO method, care
should be exercised if the table location crosses a PCL
memory boundary (each 256 byte block). Refer to the
application
note,
“Implementing
a
Table
Read"
(AN556).
2.3.2
STACK
The PIC16FXXX family has an 8-level deep x 13-bit
wide hardware stack. The stack space is not part of
either program or data space and the stack pointer is
not readable or writable. The PC is PUSHed onto the
stack when a CALL instruction is executed or an inter-
rupt causes a branch. The stack is POPed in the event
of a RETURN,RETLW or a RETFIE instruction execu-
tion. PCLATH is not affected by a PUSH or POP opera-
tion.
The stack operates as a circular buffer. This means that
after the stack has been PUSHed eight times, the ninth
push overwrites the value that was stored from the first
push. The tenth push overwrites the second push (and
so on).
2.4
Program Memory Paging
The PIC16FXXX architecture is capable of addressing
a continuous 8K word block of program memory. The
CALL
and GOTO instructions provide 11 bits of the
address, which allows branches within any 2K program
memory page. Therefore, the 8K words of program
memory are broken into four pages. Since the
PIC16F872 has only 2K words of program memory or
one page, additional code is not required to ensure that
the correct page is selected before a CALL or GOTO
instruction is executed. The PCLATH<4:3> bits should
always be maintained as zeros. If a return from a CALL
instruction (or interrupt) is executed, the entire 13-bit
PC is popped off the stack. Manipulation of the
PCLATH is not required for the return instructions.
2.5
Indirect Addressing, INDF and FSR
Registers
The INDF Register is not a physical register. Address-
ing the INDF Register will cause indirect addressing.
Indirect addressing is possible by using the INDF Reg-
ister. Any instruction using the INDF Register actually
accesses the register pointed to by the File Select Reg-
ister, FSR. Reading the INDF Register itself indirectly
(FSR = ’0’) will read 00h. Writing to the INDF Register
indirectly results in a no-operation (although status bits
may be affected). An effective 9-bit address is obtained
by concatenating the 8-bit FSR Register and the IRP bit
(STATUS<7>), as shown in Figure 2-4.
A simple program to clear RAM locations 20h-2Fh
using indirect addressing is shown in Example 2-1.
EXAMPLE 2-1:
INDIRECT ADDRESSING
movlw
0x20
;initialize pointer
movwf
FSR
;to RAM
NEXT
clrf
INDF
;clear INDF register
incf
FSR,F
;inc pointer
btfss
FSR,4
;all done?
goto
NEXT
;no clear next
CONTINUE
:
;yes continue
PC
12
8
7
0
5
PCLATH<4:0>
PCLATH
Instruction with
ALU
GOTO,CALL
Opcode <10:0>
8
PC
12
11 10
0
11
PCLATH<4:3>
PCH
PCL
87
2
PCLATH
PCH
PCL
PCL as
Destination
Note 1: There are no status bits to indicate stack
overflow or stack underflow conditions.
2: There are no instructions/mnemonics
called PUSH or POP. These are actions that
occur from the execution of the CALL,
RETURN,
RETLW
and RETFIE instruc-
tions or the vectoring to an interrupt
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com