Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/SP Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC16LF870/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/SP Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC16LF870/SP Datasheet HTML 68Page - Microchip Technology PIC16LF870/SP Datasheet HTML 69Page - Microchip Technology PIC16LF870/SP Datasheet HTML 70Page - Microchip Technology PIC16LF870/SP Datasheet HTML 71Page - Microchip Technology PIC16LF870/SP Datasheet HTML 72Page - Microchip Technology PIC16LF870/SP Datasheet HTML 73Page - Microchip Technology PIC16LF870/SP Datasheet HTML 74Page - Microchip Technology PIC16LF870/SP Datasheet HTML 75Page - Microchip Technology PIC16LF870/SP Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 156 page
background image
PIC16F870/871
DS30569A-page 72
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 9-7:
ASYNCHRONOUS RECEPTION WITH ADDRESS DETECT
FIGURE 9-8:
ASYNCHRONOUS RECEPTION WITH ADDRESS BYTE FIRST
TABLE 9-7:
REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
Resets
0Ch
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
—
CCP1IF
TMR2IF
TMR1IF 0000 -000
0000 -000
18h
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
1Ah
RCREG
USART Receive Register
0000 0000
0000 0000
8Ch
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
—
CCP1IE
TMR2IE TMR1IE 0000 -000
0000 -000
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—BRGH
TRMT
TX9D
0000 -010
0000 -010
99h
SPBRG
Baud Rate Generator Register
0000 0000
0000 0000
Legend: x = unknown, - = unimplemented locations read as '0'. Shaded cells are not used for Asynchronous Reception.
Note 1: Bits PSPIE and PSPIF are reserved on the PIC16F870; always maintain these bits clear.
Start
bit
bit1
bit0
bit8
bit0
Stop
bit
Start
bit
bit8
Stop
bit
RC7/RX/DT (pin)
Load RSR
Read
RCIF
WORD 1
RCREG
Bit8 = 0, Data Byte
Bit8 = 1, Address Byte
Note:
This timing diagram shows a data byte followed by an address byte. The data byte is not read into the RCREG
(receive buffer) because ADDEN = 1.
Start
bit
bit1
bit0
bit8
bit0
Stop
bit
Start
bit
bit8
Stop
bit
RC7/RX/DT (pin)
Load RSR
Read
RCIF
WORD 1
RCREG
Bit8 = 1, Address Byte
Bit8 = 0, Data Byte
Note:
This timing diagram shows a data byte followed by an address byte. The data byte is not read into the RCREG
(receive buffer) because ADDEN was not updated and still = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com