Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/SP Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16LF870/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/SP Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16LF870/SP Datasheet HTML 83Page - Microchip Technology PIC16LF870/SP Datasheet HTML 84Page - Microchip Technology PIC16LF870/SP Datasheet HTML 85Page - Microchip Technology PIC16LF870/SP Datasheet HTML 86Page - Microchip Technology PIC16LF870/SP Datasheet HTML 87Page - Microchip Technology PIC16LF870/SP Datasheet HTML 88Page - Microchip Technology PIC16LF870/SP Datasheet HTML 89Page - Microchip Technology PIC16LF870/SP Datasheet HTML 90Page - Microchip Technology PIC16LF870/SP Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 87
PIC16F870/871
TABLE 10-2:
REGISTERS/BITS ASSOCIATED WITH A/D
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
POR,
BOR
MCLR,
WDT
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
—
CCP1IF
TMR2IF
TMR1IF
0000 -000
0000 -000
8Ch
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
—
CCP1IE
TMR2IE
TMR1IE
0000 -000
0000 -000
1Eh
ADRESH
A/D Result Register High Byte
xxxx xxxx
uuuu uuuu
9Eh
ADRESL
A/D Result Register Low Byte
xxxx xxxx
uuuu uuuu
1Fh
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—ADON
0000 00-0
0000 00-0
9Fh
ADCON1
ADFM
—
—
—
PCFG3
PCFG2
PCFG1
PCFG0
--0- 0000
--0- 0000
85h
TRISA
—
—
PORTA Data Direction Register
--11 1111
--11 1111
05h
PORTA
—
—
PORTA Data Latch when written: PORTA pins when read
--0x 0000
--0u 0000
89h(1)
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction Bits
0000 -111
0000 -111
09h(1)
PORTE
—
—
—
—
—
RE2
RE1
RE0
---- -xxx
---- -uuu
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used for A/D conversion.
Note
1:
These registers/bits are not available on the PIC16F870.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com