Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/SP Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC16LF870/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/SP Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC16LF870/SP Datasheet HTML 30Page - Microchip Technology PIC16LF870/SP Datasheet HTML 31Page - Microchip Technology PIC16LF870/SP Datasheet HTML 32Page - Microchip Technology PIC16LF870/SP Datasheet HTML 33Page - Microchip Technology PIC16LF870/SP Datasheet HTML 34Page - Microchip Technology PIC16LF870/SP Datasheet HTML 35Page - Microchip Technology PIC16LF870/SP Datasheet HTML 36Page - Microchip Technology PIC16LF870/SP Datasheet HTML 37Page - Microchip Technology PIC16LF870/SP Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 156 page
background image
PIC16F870/871
DS30569A-page 34
Preliminary
© 1999 Microchip Technology Inc.
3.5
PORTE and TRISE Register
This section is not applicable to the PIC16F870.
PORTE has three pins, RE0/RD/AN5, RE1/WR/AN6
and RE2/CS/AN7, which are individually configurable
as inputs or outputs. These pins have Schmitt Trigger
input buffers.
I/O PORTE becomes control inputs for the micropro-
cessor port when bit PSPMODE (TRISE<4>) is set. In
this mode, the user must make sure that the
TRISE<2:0> bits are set (pins are configured as digital
inputs). Ensure ADCON1 is configured for digital I/O. In
this mode, the input buffers are TTL.
Register 3-1 shows the TRISE Register, which also
controls the parallel slave port operation.
PORTE pins are multiplexed with analog inputs. When
selected as an analog input, these pins will read as ’0’s.
TRISE controls the direction of the RE pins, even when
they are being used as analog inputs. The user must
make sure to keep the pins configured as inputs when
using them as analog inputs.
FIGURE 3-7:
PORTE BLOCK DIAGRAM (IN
I/O PORT MODE)
REGISTER 3-1:
TRISE REGISTER (ADDRESS 89h)
Note:
On a Power-on Reset, these pins are con-
figured as analog inputs.
Data
Bus
WR
PORT
WR
TRIS
RD PORT
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
input
buffer
Q
D
CK
Q
D
CK
QD
EN
I/O pin(1)
Note 1: I/O pins have protection diodes to VDD and VSS.
R-0
R-0
R/W-0
R/W-0
U-0
R/W-1
R/W-1
R/W-1
IBF
OBF
IBOV
PSPMODE
—
bit2
bit1
bit0
R = Readable bit
W= Writable bit
U = Unimplemented bit,
read as ‘0’
- n= Value at POR reset
bit7
bit0
Parallel Slave Port Status/Control Bits
bit 7 :
IBF: Input Buffer Full Status bit
1
= A word has been received and is waiting to be read by the CPU
0
= No word has been received
bit 6:
OBF: Output Buffer Full Status bit
1
= The output buffer still holds a previously written word
0
= The output buffer has been read
bit 5:
IBOV: Input Buffer Overflow Detect bit (in microprocessor mode)
1
= A write occurred when a previously input word has not been read (must be cleared in software)
0
= No overflow occurred
bit 4:
PSPMODE: Parallel Slave Port Mode Select bit
1
= Parallel slave port mode
0
= General purpose I/O mode
bit 3:
Unimplemented: Read as ’0’
PORTE Data Direction Bits
bit 2:
Bit2: Direction Control bit for pin RE2/CS/AN7
1
= Input
0
= Output
bit 1:
Bit1: Direction Control bit for pin RE1/WR/AN6
1
= Input
0
= Output
bit 0:
Bit0: Direction Control bit for pin RE0/RD/AN5
1
= Input
0
= Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com