Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/SP Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16LF870/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/SP Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16LF870/SP Datasheet HTML 88Page - Microchip Technology PIC16LF870/SP Datasheet HTML 89Page - Microchip Technology PIC16LF870/SP Datasheet HTML 90Page - Microchip Technology PIC16LF870/SP Datasheet HTML 91Page - Microchip Technology PIC16LF870/SP Datasheet HTML 92Page - Microchip Technology PIC16LF870/SP Datasheet HTML 93Page - Microchip Technology PIC16LF870/SP Datasheet HTML 94Page - Microchip Technology PIC16LF870/SP Datasheet HTML 95Page - Microchip Technology PIC16LF870/SP Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 156 page
background image
PIC16F870/871
DS30569A-page 92
Preliminary
© 1999 Microchip Technology Inc.
TABLE 11-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR
11.2.3
RC OSCILLATOR
For timing insensitive applications, the “RC” device
option offers additional cost savings. The RC oscillator
frequency is a function of the supply voltage, the resis-
tor (REXT) and capacitor (CEXT) values, and the operat-
ing temperature. In addition to this, the oscillator
frequency will vary from unit to unit due to normal pro-
cess parameter variation. Furthermore, the difference
in lead frame capacitance between package types will
also affect the oscillation frequency, especially for low
CEXT values. The user also needs to take into account
variation due to tolerance of external R and C compo-
nents used. Figure 11-3 shows how the R/C combina-
tion is connected to the PIC16F870/871.
FIGURE 11-3: RC OSCILLATOR MODE
Osc Type
Crystal
Freq
Cap. Range
C1
Cap.
Range
C2
LP
32 kHz
33 pF
33 pF
200 kHz
15 pF
15 pF
XT
200 kHz
47-68 pF
47-68 pF
1 MHz
15 pF
15 pF
4 MHz
15 pF
15 pF
HS
4 MHz
15 pF
15 pF
8 MHz
15-33 pF
15-33 pF
20 MHz
15-33 pF
15-33 pF
These values are for design guidance only.
See notes at bottom of page.
Crystals Used
32 kHz
Epson C-001R32.768K-A
± 20 PPM
200 kHz
STD XTL 200.000 kHz
± 20 PPM
1 MHz
ECS ECS-10-13-1
± 50 PPM
4 MHz
ECS ECS-40-20-1
± 50 PPM
8 MHz
EPSON CA-301 8.000M-C
± 30 PPM
20 MHz
EPSON CA-301 20.000M-C
± 30 PPM
Note 1: Higher capacitance increases the stability
of oscillator but also increases the start-up
time.
2: Since each resonator/crystal has its own
characteristics, the user should consult
the resonator/crystal manufacturer for
appropriate values of external compo-
nents.
3: Rs may be required in HS mode, as well
as XT mode, to avoid overdriving crystals
with low drive level specification.
4: When migrating from other PICmicro
devices, oscillator performance should be
verified.
OSC2/CLKOUT
Cext
Rext
PIC16F870/871
OSC1
FOSC/4
Internal
Clock
VDD
VSS
Recommended values:
3 k
Ω ≤ Rext ≤ 100 kΩ
Cext > 20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com