Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/SP Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16LF870/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/SP Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16LF870/SP Datasheet HTML 82Page - Microchip Technology PIC16LF870/SP Datasheet HTML 83Page - Microchip Technology PIC16LF870/SP Datasheet HTML 84Page - Microchip Technology PIC16LF870/SP Datasheet HTML 85Page - Microchip Technology PIC16LF870/SP Datasheet HTML 86Page - Microchip Technology PIC16LF870/SP Datasheet HTML 87Page - Microchip Technology PIC16LF870/SP Datasheet HTML 88Page - Microchip Technology PIC16LF870/SP Datasheet HTML 89Page - Microchip Technology PIC16LF870/SP Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 156 page
background image
PIC16F870/871
DS30569A-page 86
Preliminary
© 1999 Microchip Technology Inc.
10.4.1
A/D RESULT REGISTERS
The ADRESH:ADRESL register pair is the location
where the 10-bit A/D result is loaded at the completion
of the A/D conversion. This register pair is 16-bits
wide. The A/D module gives the flexibility to left or right
justify the 10-bit result in the 16-bit result register. The
A/D Format Select bit (ADFM) controls this justifica-
tion. Figure 10-4 shows the operation of the A/D result
justification. The extra bits are loaded with ’0’s’. When
an A/D result will not overwrite these locations (A/D
disable), these registers may be used as two general
purpose 8-bit registers.
10.5
A/D Operation During Sleep
The A/D module can operate during SLEEP mode. This
requires that the A/D clock source be set to RC
(ADCS1:ADCS0 = 11). When the RC clock source is
selected, the A/D module waits one instruction cycle
before starting the conversion. This allows the SLEEP
instruction to be executed, which eliminates all digital
switching noise from the conversion. When the conver-
sion is completed the GO/DONE bit will be cleared and
the result loaded into the ADRES register. If the A/D
interrupt is enabled, the device will wake-up from
SLEEP. If the A/D interrupt is not enabled, the A/D mod-
ule will then be turned off, although the ADON bit will
remain set.
When the A/D clock source is another clock option (not
RC), a SLEEP instruction will cause the present conver-
sion to be aborted and the A/D module to be turned off,
though the ADON bit will remain set.
Turning off the A/D places the A/D module in its lowest
current consumption state.
10.6
Effects of a Reset
A device reset forces all registers to their reset state.
This forces the A/D module to be turned off, and any
conversion is aborted.
The value that is in the ADRESH:ADRESL registers is
not
modified
for
a
Power-on
Reset.
The
ADRESH:ADRESL registers will contain unknown data
after a Power-on Reset.
FIGURE 10-4: A/D RESULT JUSTIFICATION
Note:
For the A/D module to operate in SLEEP,
the A/D clock source must be set to RC
(ADCS1:ADCS0 = 11). To allow the con-
version to occur during SLEEP, ensure the
SLEEP
instruction immediately follows the
instruction that sets the GO/DONE bit.
10-Bit Result
ADRESH
ADRESL
0000 00
ADFM = 0
0
2 1 0 7
7
10-bit Result
ADRESH
ADRESL
10-bit Result
0000 00
7
0 7 6 5
0
ADFM = 1
Right Justified
Left Justified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com