Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/SP Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16LF870/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/SP Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16LF870/SP Datasheet HTML 120Page - Microchip Technology PIC16LF870/SP Datasheet HTML 121Page - Microchip Technology PIC16LF870/SP Datasheet HTML 122Page - Microchip Technology PIC16LF870/SP Datasheet HTML 123Page - Microchip Technology PIC16LF870/SP Datasheet HTML 124Page - Microchip Technology PIC16LF870/SP Datasheet HTML 125Page - Microchip Technology PIC16LF870/SP Datasheet HTML 126Page - Microchip Technology PIC16LF870/SP Datasheet HTML 127Page - Microchip Technology PIC16LF870/SP Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 156 page
background image
PIC16F870/871
DS30569A-page 124
Preliminary
© 1999 Microchip Technology Inc.
D150*
Open-Drain High Voltage
VOD
-
-
8.5
V
RA4 pin
--
Capacitive Loading Specs on
Output Pins
D100
OSC2 pin
COSC2
-
-
15
pF
In XT, HS and LP modes when exter-
nal clock is used to drive OSC1.
D101
D102
All I/O pins and OSC2 (in RC
mode) SCL, SDA in I2C mode
CIO
CB
-
-
-
-
50
400
pF
pF
Data EEPROM Memory
D120
Endurance
ED
100K
-
-
E/W 25
°C at 5V
D121
VDD for read/write
VDRW
Vmin
-
5.5
V
Using EECON to read/write
Vmin = min operating voltage
D122
Erase/write cycle time
TDEW
-4
8
ms
Program FLASH Memory
D130
Endurance
EP
1000
-
-
E/W 25
°C at 5V
D131
VDD for read
VPR
Vmin
-
5.5
V
Vmin = min operating voltage
D132a
VDD for erase/write
Vmin
-
5.5
V
using EECON to read/write,
Vmin = min operating voltage
D133
Erase/Write cycle time
TPEW
-4
8
ms
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Operating voltage VDD range as described in DC spec Section 14.1 and
Section 14.2.
Param
No.
Characteristic
Sym
Min
Typ†
Max
Units
Conditions
Legend: * These parameters are characterized but not tested.
† Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16F870/871 be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com