Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF870/SP Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16LF870/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870/SP Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16LF870/SP Datasheet HTML 129Page - Microchip Technology PIC16LF870/SP Datasheet HTML 130Page - Microchip Technology PIC16LF870/SP Datasheet HTML 131Page - Microchip Technology PIC16LF870/SP Datasheet HTML 132Page - Microchip Technology PIC16LF870/SP Datasheet HTML 133Page - Microchip Technology PIC16LF870/SP Datasheet HTML 134Page - Microchip Technology PIC16LF870/SP Datasheet HTML 135Page - Microchip Technology PIC16LF870/SP Datasheet HTML 136Page - Microchip Technology PIC16LF870/SP Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 133
PIC16F870/871
TABLE 14-9:
PIC16F870/871 (INDUSTRIAL)
PIC16LF870/871 (INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
10-bits
bit
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A03
EIL
Integral linearity error
—
—
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A04
EDL
Differential linearity error
—
—
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A06
EOFF
Offset error
—
—
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A07
EGN
Gain error
—
—
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A10
—
Monotonicity(3)
—
guaranteed
—
—
VSS
≤ VAIN ≤ VREF
A20
VREF
Reference voltage (VREF+ - VREF-)
2.0V
—
VDD + 0.3
V
Absolute minimum electrical
spec. to ensure 10-bit
accuracy.
A21
VREF+ Reference voltage High
VDD - 2.5V
VDD + 0.3V
V
Must meet spec. A20
A22
VREF- Reference voltage low
VSS - 0.3V
VREF+ - 2.0V
V
Must meet spec. A20
A25
VAIN
Analog input voltage
VSS - 0.3
—
VREF + 0.3
V
A30
ZAIN
Recommended impedance of
analog voltage source
—
—
10.0
k
Ω
A40
IAD
A/D conversion cur-
rent (VDD)
Standard(F)
—
220
—
µA
Average current consump-
tion when A/D is on.
(Note 1)
Extended(LF)—
90
—
µA
A50
IREF
VREF input current (Note 2)
10
—
—
—
1000
10
µA
µA
During VAIN acquisition.
Based on differential of
VHOLD to VAIN to charge
CHOLD, see Section 10.1.
During A/D Conversion cycle
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
When A/D is off, it will not consume any current other than minor leakage current.
The power-down current spec includes any such leakage from the A/D module.
2: VREF current is from RA3 pin or VDD pin, whichever is selected as reference input.
3: The A/D conversion result never decreases with an increase in the Input Voltage, and has no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com