Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84AT-20/SS Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16F84AT-20/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20/SS Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16F84AT-20/SS Datasheet HTML 27Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 28Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 29Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 30Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 31Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 32Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 33Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 34Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 31
6.3.1
SWITCHING PRESCALER ASSIGNMENT
The prescaler assignment is fully under software
control (i.e., it can be changed “on the fly” during
program execution).
EXAMPLE 6-1:
CHANGING PRESCALER
(TIMER0
→WDT)
BCF
STATUS, RP0
;Bank 0
CLRF
TMR0
;Clear TMR0
; and Prescaler
BSF
STATUS, RP0
;Bank 1
CLRWDT
;Clears WDT
MOVLW
b'xxxx1xxx'
;Select new
MOVWF
OPTION_REG
; prescale value
BCF
STATUS, RP0
;Bank 0
EXAMPLE 6-2:
CHANGING PRESCALER
(WDT
→TIMER0)
CLRWDT
;Clear WDT and
; prescaler
BSF
STATUS, RP0
;Bank 1
MOVLW
b'xxxx0xxx'
;Select TMR0, new
; prescale value
’ and clock source
MOVWF
OPTION_REG
;
BCF
STATUS, RP0
;Bank 0
TABLE 6-1
REGISTERS ASSOCIATED WITH TIMER0
Note:
To avoid an unintended device RESET, the
following
instruction
sequence
(Example 6-1) must be executed when
changing the prescaler assignment from
Timer0 to the WDT. This sequence must
be taken even if the WDT is disabled. To
change prescaler from the WDT to the
Timer0 module use the sequence shown in
Example 6-2.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
01h
TMR0
Timer0 module’s register
xxxx xxxx
uuuu uuuu
0Bh
INTCON
GIE
EEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 0000
81h
OPTION_
REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
85h
TRISA
—
—
—
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
---1 1111
---1 1111
Legend: x = unknown, u = unchanged. - = unimplemented read as '0'. Shaded cells are not associated with Timer0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com