Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84AT-20/SS Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F84AT-20/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20/SS Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F84AT-20/SS Datasheet HTML 5Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 6Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 7Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 8Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 9Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 10Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 11Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 12Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 9
TABLE 3-1
PIC16F8X PINOUT DESCRIPTION
Pin Name
DIP
No.
SOIC
No.
I/O/P
Type
Buffer
Type
Description
OSC1/CLKIN
16
16
I
ST/CMOS (3) Oscillator crystal input/external clock source input.
OSC2/CLKOUT
15
15
O
—
Oscillator crystal output. Connects to crystal or resonator in crystal
oscillator mode. In RC mode, OSC2 pin outputs CLKOUT which
has 1/4 the frequency of OSC1, and denotes the instruction cycle
rate.
MCLR
4
4
I/P
ST
Master clear (reset) input/programming voltage input. This pin is an
active low reset to the device.
PORTA is a bi-directional I/O port.
RA0
17
17
I/O
TTL
RA1
18
18
I/O
TTL
RA2
1
1
I/O
TTL
RA3
2
2
I/O
TTL
RA4/T0CKI
3
3
I/O
ST
Can also be selected to be the clock input to the TMR0
timer/counter. Output is open drain type.
PORTB is a bi-directional I/O port. PORTB can be software pro-
grammed for internal weak pull-up on all inputs.
RB0/INT
6
6
I/O
TTL/ST (1)
RB0/INT can also be selected as an external interrupt pin.
RB1
7
7
I/O
TTL
RB2
8
8
I/O
TTL
RB3
9
9
I/O
TTL
RB4
10
10
I/O
TTL
Interrupt on change pin.
RB5
11
11
I/O
TTL
Interrupt on change pin.
RB6
12
12
I/O
TTL/ST (2)
Interrupt on change pin. Serial programming clock.
RB7
13
13
I/O
TTL/ST (2)
Interrupt on change pin. Serial programming data.
VSS
5
5
P
—
Ground reference for logic and I/O pins.
VDD
14
14
P
—
Positive supply for logic and I/O pins.
Legend: I= input
O = output
I/O = Input/Output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note 1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in serial programming mode.
3:
This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com