Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84AT-20/SS Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F84AT-20/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20/SS Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F84AT-20/SS Datasheet HTML 85Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 86Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 87Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 88Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 89Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 90Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 91Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 92Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
PIC16CR83/84
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 89
11.3
DC CHARACTERISTICS:
PIC16CR84, PIC16CR83 (Commercial, Industrial)
PIC16LCR84, PIC16LCR83 (Commercial, Industrial)
DC Characteristics
All Pins Except
Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0
°C ≤ TA ≤ +70°C (commercial)
-40
°C ≤ TA ≤ +85°C (industrial)
Operating voltage VDD range as described in DC spec
Section 11.1 and Section 11.2.
Parame-
ter
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
Input Low Voltage
VIL
I/O ports
D030
with TTL buffer
VSS
—
0.8
V
4.5 V
≤ Vdd ≤ 5.5 V(4)
D030A
VSS
—
0.16VDD
V
entire range(4)
D031
with Schmitt Trigger buffer
VSS
—
0.2VDD
V
entire range
D032
MCLR, RA4/T0CKI
Vss
—
0.2VDD
V
D033
OSC1 (XT, HS and LP modes)(1)
Vss
—
0.3VDD
V
D034
OSC1 (RC mode)
Vss
—
0.1VDD
V
Input High Voltage
VIH
I/O ports
—
D040
D040A
with TTL buffer
2.4
0.48VDD
—
—
VDD
VDD
V
V
4.5 V
≤ VDD ≤ 5.5V(4)
entire range(4)
D041
with Schmitt Trigger buffer
0.45VDD
—
VDD
entire range
D042
MCLR, RA4/T0CKI, OSC1
(RC mode)
0.85
VDD
—
VDD
V
D043
OSC1 (XT, HS and LP modes)(1) 0.7 VDD
—
VDD
V
D050
VHYS
Hysteresis of
Schmitt Trigger inputs
TBD
—
—
V
D070
IPURB
PORTB weak pull-up current
50*
250*
400*
µA
VDD = 5.0V, VPIN = VSS
Input Leakage Current(2,3)
D060
IIL
I/O ports
—
—
±1
µA
Vss
≤ VPIN ≤ VDD,
Pin at hi-impedance
D061
MCLR, RA4/T0CKI
—
—
±5
µA
Vss
≤ VPIN ≤ VDD
D063
OSC1
—
—
±5
µA
Vss
≤ VPIN ≤ VDD, XT, HS
and LP osc configuration
Output Low Voltage
D080
VOL
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V
D083
OSC2/CLKOUT
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V
Output High Voltage
D090
VOH
I/O ports(3)
VDD-0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V
D092
OSC2/CLKOUT
VDD-0.7
—
—
V
IOH = -1.3 mA, VDD = 4.5V
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. Do not drive the PIC16CR8X with an
external clock while the device is in RC mode, or chip damage may result.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified lev-
els represent normal operating conditions. Higher leakage current may be measured at different input volt-
ages.
3: Negative current is defined as coming out of the pin.
4: The user may choose the better of the two specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com