Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84AT-20/SS Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16F84AT-20/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20/SS Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16F84AT-20/SS Datasheet HTML 74Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 75Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 76Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 77Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 78Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 79Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 80Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 81Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 124 page
background image
PIC16F8X
PIC16F83/84
DS30430C-page 78
© 1998 Microchip Technology Inc.
10.4
DC CHARACTERISTICS:
PIC16F84, PIC16F83 (Commercial, Industrial)
PIC16LF84, PIC16F83 (Commercial, Industrial)
DC Characteristics
All Pins Except
Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0
°C ≤ TA ≤ +70°C (commercial)
-40
°C ≤ TA ≤ +85°C (industrial)
Operating voltage VDD range as described in DC spec
Section 10.1 and Section 10.2.
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Capacitive Loading Specs
on Output Pins
D100
COSC2 OSC2 pin
—
—
15
pF
In XT, HS and LP modes
when external clock is used to
drive OSC1.
D101
CIO
All I/O pins and OSC2
(RC mode)
—
—
50
pF
Data EEPROM Memory
D120
ED
Endurance
1M
10M
—
E/W
25
°C at 5V
D121
VDRW
VDD for read/write
VMIN
—
6.0
V
VMIN = Minimum operating
voltage
D122
TDEW
Erase/Write cycle time
—
10
20*
ms
Program Flash Memory
D130
EP
Endurance
100
1000
—
E/W
D131
VPR
VDD for read
VMIN
—
6.0
V
VMIN = Minimum operating
voltage
D132
VPEW
VDD for erase/write
4.5
—
5.5
V
D133
TPEW
Erase/Write cycle time
—
10
—
ms
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com