Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84AT-20/SS Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16F84AT-20/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20/SS Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16F84AT-20/SS Datasheet HTML 76Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 77Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 78Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 79Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 80Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 81Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 82Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 83Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
PIC16F8X
PIC16F83/84
DS30430C-page 80
© 1998 Microchip Technology Inc.
10.5
Timing Diagrams and Specifications
FIGURE 10-3: EXTERNAL CLOCK TIMING
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
3
3
4
4
2
TABLE 10-3
EXTERNAL CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKIN Frequency
(1)
DC
—
2
MHz
XT, RC osc
PIC16LF8X-04
DC
—
4
MHz
XT, RC osc
PIC16F8X-04
DC
—
10
MHz
HS osc
PIC16F8X-10
DC
—
200
kHz
LP osc
PIC16LF8X-04
Oscillator Frequency
(1)
DC
—
2
MHz
RC osc
PIC16LF8X-04
DC
—
4
MHz
RC osc
PIC16F8X-04
0.1
—
2
MHz
XT osc
PIC16LF8X-04
0.1
—
4
MHz
XT osc
PIC16F8X-04
1.0
—
10
MHz
HS osc
PIC16F8X-10
DC
—
200
kHz
LP osc
PIC16LF8X-04
1
Tosc
External CLKIN Period
(1)
500
—
—
ns
XT, RC osc
PIC16LF8X-04
250
—
—
ns
XT, RC osc
PIC16F8X-04
100
—
—
ns
HS osc
PIC16F8X-10
5.0
—
—
µs
LP osc
PIC16LF8X-04
Oscillator Period
(1)
500
—
—
ns
RC osc
PIC16LF8X-04
250
—
—
ns
RC osc
PIC16F8X-04
500
—
10,000
ns
XT osc
PIC16LF8X-04
250
—
10,000
ns
XT osc
PIC16F8X-04
100
—
1,000
ns
HS osc
PIC16F8X-10
5.0
—
—
µs
LP osc
PIC16LF8X-04
2
TCY
Instruction Cycle Time
(1)
0.4
4/Fosc
DC
µs
3
TosL,
TosH
Clock in (OSC1) High or Low
Time
60 *
—
—
ns
XT osc
PIC16LF8X-04
50 *
—
—
ns
XT osc
PIC16F8X-04
2.0 *
—
—
µs
LP osc
PIC16LF8X-04
35 *
—
—
ns
HS osc
PIC16F8X-10
4
TosR,
TosF
Clock in (OSC1) Rise or Fall Time
25 *
—
—
ns
XT osc
PIC16F8X-04
50 *
—
—
ns
LP osc
PIC16LF8X-04
15 *
—
—
ns
HS osc
PIC16F8X-10
*
These parameters are characterized but no tested.
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at "min." values with an
external clock applied to the OSC1 pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com