Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84AT-20/SS Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC16F84AT-20/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20/SS Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC16F84AT-20/SS Datasheet HTML 70Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 71Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 72Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 73Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 74Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 75Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 76Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 77Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
PIC16F8X
PIC16F83/84
DS30430C-page 74
© 1998 Microchip Technology Inc.
TABLE 10-1
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16F84-04
PIC16F83-04
PIC16F84-10
PIC16F83-10
PIC16LF84-04
PIC16LF83-04
RC
VDD:
4.0V to 6.0V
IDD:
4.5 mA max. at 5.5V
IPD:
14
µA max. at 4V WDT dis
Freq: 4.0 MHz max.
VDD:
4.5V to 5.5V
IDD:
1.8 mA typ. at 5.5V
IPD:
1.0
µA typ. at 5.5V WDT dis
Freq: 4..0 MHz max.
VDD:
2.0V to 6.0V
IDD:
4.5 mA max. at 5.5V
IPD:
7.0
µA max. at 2V WDT dis
Freq: 2.0 MHz max.
XT
VDD:
4.0V to 6.0V
IDD:
4.5 mA max. at 5.5V
IPD:
14
µA max. at 4V WDT dis
Freq: 4.0 MHz max.
VDD:
4.5V to 5.5V
IDD:
1.8 mA typ. at 5.5V
IPD:
1.0
µA typ. at 5.5V WDT dis
Freq: 4.0 MHz max.
VDD:
2.0V to 6.0V
IDD:
4.5 mA max. at 5.5V
IPD:
7.0
µA max. at 2V WDT dis
Freq: 2.0 MHz max.
HS
VDD:
4.5V to 5.5V
VDD:
4.5V to 5.5V
Do not use in HS mode
IDD:
4.5 mA typ. at 5.5V
IDD:
10 mA max. at 5.5V typ.
IPD:
1.0
µA typ. at 4.5V WDT dis
IPD:
1.0
µA typ. at 4.5V WDT dis
Freq: 4.0 MHz max.
Freq: 10 MHz max.
LP
VDD:
4.0V to 6.0V
IDD:
48
µA typ. at 32 kHz, 2.0V
IPD:
0.6
µA typ. at 3.0V WDT dis
Freq: 200 kHz max.
Do not use in LP mode
VDD:
2.0V to 6.0V
IDD:
45
µA max. at 32 kHz, 2.0V
IPD:
7
µA max. at 2.0V WDT dis
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifica-
tions. It is recommended that the user select the device type that ensures the specifications required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com