Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84AT-20/SS Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F84AT-20/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20/SS Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F84AT-20/SS Datasheet HTML 97Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 98Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 99Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 100Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 101Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 102Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 103Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 104Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 101
FIGURE 12-8: VTH (INPUT THRESHOLD VOLTAGE) OF OSC1 INPUT
(IN XT, HS, AND LP MODES) vs. VDD
FIGURE 12-9: VIH, VIL OF MCLR, T0CKI AND OSC1 (IN RC MODE) vs. VDD
2.4
2.2
2.0
1.8
1.6
1.4
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
1.2
1.0
5.5
6.0
Typ (+25
°C)
2.6
2.8
3.0
2.0
Note: This input pin is CMOS input.
0.8
3.5
3.0
2.5
2.0
1.5
1.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
0.5
0.0
5.5
6.0
4.0
4.5
VIH typ
+25
°C
Note: These input pins have Schmitt Trigger input buffers.
2.0
5.0
VIL typ +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com