Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84AT-20/SS Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC16F84AT-20/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20/SS Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC16F84AT-20/SS Datasheet HTML 111Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 112Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 113Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 114Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 115Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 116Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 117Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 118Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 115
APPENDIX E: CONVERSION CONSIDERATIONS - PIC16C84 TO PIC16F83/F84 AND
PIC16CR83/CR84
Considerations for converting from the PIC16C84 to
the PIC16F84 are listed in the table below. These con-
siderations apply to converting from the PIC16C84 to
the PIC16F83 (same as PIC16F84 except for program
and data RAM memory sizes) and the PIC16CR84 and
PIC16CR83 (ROM versions of Flash devices). Devel-
opment Systems support is available for all of the
PIC16X8X devices.
Difference
PIC16C84
PIC16F84
The polarity of the PWRTE bit has
been reversed. Ensure that the pro-
grammer has this bit correctly set
before programming.
PWRTE
PWRTE
The PIC16F84 (and PIC16CR84)
have larger RAM sizes. Ensure that
this does not cause an issue with
your program.
RAM = 36 bytes
RAM = 68 bytes
The MCLR pin now has an on-chip
filter. The input signal on the MCLR
pin will require a longer low pulse to
generate an interrupt.
MCLR pulse width (low)
= 350ns; 2.0V
≤ VDD ≤ 3.0V
= 150ns; 3.0V
≤ VDD ≤ 6.0V
MCLR pulse width (low)
= 1000ns; 2.0V
≤ VDD ≤ 6.0V
Some electrical specifications have
been improved (see IPD example).
Compare the electrical specifica-
tions of the two devices to ensure
that this will not cause a compatibil-
ity issue.
IPD (typ @ 2V) = 26
µA
IPD (max @ 4V, WDT disabled)
=100
µA (PIC16C84)
=100
µA (PIC16LC84)
IPD (typ @ 2V) < 1
µA
IPD (max @ 4V, WDT disabled)
=14
µA (PIC16F84)
=7
µA (PIC16LF84)
PORTA and crystal oscillator values
less than 500kHz
For crystal oscillator configurations
operating below 500kHz, the device
may generate a spurious internal Q-
clock when PORTA<0> switches
state.
N/A
RB0/INT pin
TTL
TTL/ST*
(* This buffer is a Schmitt Trigger
input when configured as the exter-
nal interrupt.)
EEADR<7:6> and IDD
It is recommended that the
EEADR<7:6> bits be cleared.
When either of these bits is set, the
maximum IDD for the device is
higher than when both are cleared.
N/A
Code Protect
1 CP bit
9 CP bits
Recommended value of REXT for
RC oscillator circuits
REXT = 3k
Ω - 100kΩ
REXT = 5k
Ω - 100kΩ
GIE bit unintentional enable
If an interrupt occurs while the Glo-
bal Interrupt Enable (GIE) bit is
being cleared, the GIE bit may unin-
tentionally be re-enabled by the
user’s Interrupt Service Routine (the
RETFIE
instruction).
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com