Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84AT-20/SS Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC16F84AT-20/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84AT-20/SS Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC16F84AT-20/SS Datasheet HTML 116Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 117Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 118Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 119Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 120Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 121Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 122Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 123Page - Microchip Technology PIC16F84AT-20/SS Datasheet HTML 124Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 121 / 124 page
background image
PIC16F8X
© 1998 Microchip Technology Inc.
DS30430C-page 121
PIC16F8X PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
SALES AND SUPPORT
PART NO.
-XX
X
/XX
XXX
Pattern
Package
Temperature
Range
Frequency
Range
Device
Device
PIC16F8X(2), PIC16F8XT(3)
PIC16LF8X(2), PIC16LF8XT(3)
PIC16F8XA(2), PIC16F8XAT(3)
PIC16LF8XA(2), PIC16LF8XAT(3)
PIC16CR8X(2), PIC16CR8XT(3)
PIC16LCR8X(2), PIC16LCR8XT(3)
Frequency
Range
04
10
20
= 4 MHz
= 10 MHz
= 20 MHz
Temperature
Range
b(1)
I
=
0
°C to +70°C (Commercial)
= -40
°C to +85°C (Industrial)
Package
P
SO
SS
= PDIP
= SOIC (Gull Wing, 300 mil body)
= SSOP
Pattern
3-digit Pattern Code for QTP, ROM (blank otherwise)
Examples:
a)
PIC16F84 -04/P 301 = Commercial
temp., PDIP package, 4 MHz, normal
VDD limits, QTP pattern #301.
b)
PIC16LF84 - 04I/SO = Industrial temp.,
SOIC package, 200 kHz, Extended VDD
limits.
c)
PIC16CR84 - 10I/P = ROM program
memory, Industrial temp., PDIP package,
10MHz, normal VDD limits.
Note 1:
b = blank
2:
F
= Standard VDD range
LF
= Extended VDD range
CR = ROM Version, Standard VDD
range
LCR = ROM Version, Extended VDD
range
3:
T = in tape and reel - SOIC, SSOP
packages only.
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office.
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
3.
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com