Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT3X-DIS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SHT3X-DIS
Description  Very fast start-up and measurement time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X-DIS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SHT3X-DIS Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 13Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 14Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 15Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 16Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
October 2015 - Version 1
13/18
5 Packaging
SHT3x-DIS sensors are provided in an open-cavity
DFN package. DFN stands for dual flat no leads. The
humidity sensor opening is centered on the top side of
the package.
The sensor chip is made of silicon and is mounted to a
lead frame. The latter is made of Cu plated with
Ni/Pd/Au. Chip and lead frame are overmolded by an
epoxy-based mold compound leaving the central die
pad and I/O pins exposed for mechanical and electrical
connection. Please note that the side walls of the
sensor are diced and therefore these diced lead frame
surfaces are not covered with the respective plating.
The package (except for the humidity sensor opening)
follows JEDEC publication 95, design registration 4.20,
small scale plastic quad and dual inline, square and
rectangular, No-LEAD packages (with optional thermal
enhancements) small scale (QFN/SON), Issue D.01,
September 2009.
SHT3x-DIS has a Moisture Sensitivity Level (MSL) of
1, according to IPC/JEDEC J-STD-020. At the same
time, it is recommended to further process the sensors
within 1 year after date of delivery.
5.1
Traceability
All SHT3x-DIS sensors are laser marked for easy
identification and traceability. The marking on the
sensor top side consists of a pin-1 indicator and two
lines of text.
The top line consist of the pin-1 indicator which is
located in the top left corner and the product name. The
small letter x stands for the accuracy class.
The bottom line consists of 6 letters. The first two digits
XY (=DI) describe the output mode. The third letter (A)
represents the manufacturing year (4 = 2014, 5 = 2015,
etc). The last three digits (BCD) represent an
alphanumeric tracking code. That code can be decoded
by Sensirion only and allows for tracking on batch level
through production, calibration and testing – and will be
provided upon justified request.
If viewed from below pin 1 is indicated by triangular
shaped cut in the otherwise rectangular die pad. The
dimensions of the triangular cut are shown in Figure 11
through the labels T1 & T2.
Figure 10 Top View of the SHT3x-DIS illustrating the
laser marking.
SHT 3 x
XYABCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com