Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT3X-DIS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SHT3X-DIS
Description  Very fast start-up and measurement time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X-DIS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SHT3X-DIS Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
October 2015 - Version 1
6/18
3
Pin Assignment
The SHT3x-DIS comes in a tiny 8-pin DFN package –
see Table 6.
Pin
Name
Comments
1
SDA
Serial data; input / output
2
ADDR
Address pin; input; connect to either
VDD or VSS, do not leave floating
3
ALERT
Indicates alarm condition; output; must
be left floating if unused
4
SCL
Serial clock; input / output
5
VDD
Supply voltage; input
6
nRESET
Reset pin active low; input; if not used it
is recommended to connect to VDD
7
R
No electrical function; to be connected to
VSS
8
VSS
Ground
Table 6 SHT3x-DIS pin assignment (transparent top view).
Dashed lines are only visible if viewed from below. The die
pad is internally connected to VSS.
3.1
Power Pins (VDD, VSS)
The electrical specifications of the SHT3x-DIS are
shown in Table 3. The power supply pins must be
decoupled with a 100 nF capacitor that shall be placed
as close to the sensor as possible – see Figure 8 for a
typical application circuit.
3.2
Serial Clock and Serial Data (SCL, SDA)
SCL is used to synchronize the communication
between microcontroller and the sensor. The clock
frequency can be freely chosen between 0 to 1000 kHz.
Commands with clock stretching according to I2C
Standard11 are supported.
The SDA pin is used to transfer data to and from the
sensor. Communication with frequencies up to 400 kHz
must meet the I2C Fast Mode11 standard.
Communication frequencies up to 1 Mhz are supported
following the specifications given in Table 20.
11
http://www.nxp.com/documents/user_manual/UM10204.pdf
Both SCL and SDA lines are open-drain I/Os with
diodes to VDD and VSS. They should be connected to
external pull-up resistors (please refer to Figure 8). A
device on the I2C bus must only drive a line to ground.
The external pull-up resistors (e.g. Rp=10 kΩ) are
required to pull the signal high. For dimensioning
resistor sizes please take bus capacity and
communication frequency into account (see for
example Section 7.1 of NXPs I2C Manual for more
details11). It should be noted that pull-up resistors may
be included in I/O circuits of microcontrollers. It is
recommended to wire the sensor according to the
application circuit as shown in Figure 8.
Figure 8 Typical application circuit. Please note that the
positioning of the pins does not reflect the position on the
real sensor. This is shown in Table 6.
3.3
Die Pad (center pad)
The die pad or center pad is visible from below and
located in the center of the package. It is electrically
connected to VSS. Hence electrical considerations do
not impose constraints on the wiring of the die pad.
However, due to mechanical reasons it is
recommended to solder the center pad to the PCB. For
more information on design-in, please refer to the
document “SHTxx Design Guide”.
3.4
ADDR Pin
Through the appropriate wiring of the ADDR pin the I2C
address can be selected (see Table 7 for the respective
addresses). Aside from hard wiring the ADDR pin to
VDD or VSS, it is also possible to use it as a selector
pin. This means that the address of the sensor can be
changed dynamically during operation by switching the
level on the ADDR pin. The only constraint is that the
level has to stay constant starting from the I2C start
condition until the communication is finished. This
allows to connect more than two SHT3x-DIS onto the
same bus. The dynamical switching requires individual
ADDR lines to the sensors.
Please note that the I2C address is represented
through the 7 MSBs of the I2C read or write header.
1
2
3
4
5
8
7
6
V
DD
RR
PP
ADDR(2)
ALERT(3)
die
pad
R(7)
SDA(1)
SCL(4)
VDD(5)
VSS(8)
nRESET(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com