Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT3X-DIS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SHT3X-DIS
Description  Very fast start-up and measurement time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X-DIS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SHT3X-DIS Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
October 2015 - Version 1
4/18
1.1
Recommended Operating Condition
The sensor shows best performance when operated within recommended normal temperature and humidity range of 5
°C – 60 °C and 20 %RH – 80 %RH, respectively. Long-term exposure to conditions outside normal range, especially at
high humidity, may temporarily offset the RH signal (e.g. +3%RH after 60h kept at >80%RH). After returning into the
normal temperature and humidity range the sensor will slowly come back to calibration state by itself. Prolonged
exposure to extreme conditions may accelerate ageing. To ensure stable operation of the humidity sensor, the
conditions described in the document “SHTxx Assembly of SMD Packages”, section “Storage and Handling Instructions”
regarding exposure to volatile organic compounds have to be met. Please note as well that this does apply not only to
transportation and manufacturing, but also to operation of the SHT3x-DIS.
2 Specifications
2.1
Electrical Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units Comments
Supply voltage
VDD
2.4
3.3
5.5
V
Power-up/down level
VPOR
2.1
2.3
2.4
V
Slew rate change of the
supply voltage
VDD,slew
-
-
20
V/ms
Voltage changes on the
VDD line between VDD,min
and VDD,max should be
slower than the
maximum slew rate;
faster slew rates may
lead to reset;
Supply current
IDD
idle state
(single shot mode)
-
0.2
2.0
A
Current when sensor is
not performing a
measurement during
single shot mode
idle state
(periodic data
acquisition mode)
-
45
70
A
Current when sensor is
not performing a
measurement during
periodic data acquisition
mode
Measuring
-
800
1500
A
Current consumption
while sensor is
measuring
Average
-
2
5
A
Current consumption
(operation with one
measurement per
second at lowest
repeatability, single shot
mode)
Alert Output driving
strength
IOH
0.8x VDD 1.5x VDD
2.1x VDD
mA See also section 3.5
Heater power
PHeater
Heater running
5
-
25
mW
Depending on the supply
voltage
Table 3 Electrical specifications, valid at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com