Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT3X-DIS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHT3X-DIS
Description  Very fast start-up and measurement time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X-DIS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHT3X-DIS Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.sensirion.com
October 2015 - Version 1
1/18
Datasheet SHT3x-DIS
Humidity and Temperature Sensor
Fully calibrated, linearized, and temperature
compensated digital output
Wide supply voltage range, from 2.4 V to 5.5 V
I2C Interface with communication speeds up to 1
MHz and two user selectable addresses
Typical accuracy of
 2 %RH and  0.3 °C
Very fast start-up and measurement time
Tiny 8-Pin DFN package
Product Summary
SHT3x-DIS is the next generation of Sensirion’s
temperature and humidity sensors. It builds on a new
CMOSens® sensor chip that is at the heart of
Sensirion’s new humidity and temperature platform.
The SHT3x-DIS has increased intelligence, reliability
and improved accuracy specifications compared to its
predecessor. Its functionality includes enhanced signal
processing, two distinctive and user selectable I2C
addresses and communication speeds of up to 1 MHz.
The DFN package has a footprint of 2.5 x 2.5 mm2
while keeping a height of 0.9 mm. This allows for
integration of the SHT3x-DIS into a great variety of
applications. Additionally, the wide supply voltage range
of 2.4 V to 5.5 V guarantees compatibility with diverse
assembly situations. All in all, the
SHT3x-DIS
incorporates 15 years of knowledge of Sensirion, the
leader
in
the
humidity
sensor
industry.
Benefits of Sensirion’s CMOSens® Technology
High reliability and long-term stability
Industry-proven technology with a track record of
more than 15 years
Designed for mass production
High process capability
High signal-to-noise ratio
Content
1
Sensor Performance.............................................. 2
2
Specifications ........................................................ 4
3
Pin Assignment ..................................................... 6
4
Operation and Communication.............................. 7
5
Packaging............................................................ 13
6
Shipping Package ............................................... 15
7
Quality ................................................................. 16
8
Ordering Information............................................ 16
9
Further Information.............................................. 16
Important Notices......................................................... 18
Figure 1 Functional block diagram of the SHT3x-DIS. The
sensor signals for humidity and temperature are factory
calibrated, linearized and compensated for temperature and
supply voltage dependencies.
nRESET
Alert
SDA SCL
ADDR
Power on
Reset
Alert Logic
RESET
Digital Interface
RH Sensor
T Sensor
Data processing
& Linearization
ADC
ADC
Calibration
Memory
VSS
VDD
VSS
VDD


Similar Part No. - SHT3X-DIS

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SHT3X-DIS SENSIRION-SHT3X-DIS Datasheet
853Kb / 26P
3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
Version 1 - December 2022
SHT3X-DIS SENSIRION-SHT3X-DIS Datasheet
796Kb / 22P
Humidity and Temperature Sensor
December 2022 - Version 7
SHT3X-DIS SENSIRION-SHT3X-DIS_V01 Datasheet
796Kb / 22P
Humidity and Temperature Sensor
December 2022 - Version 7
More results

Similar Description - SHT3X-DIS

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXO3M STATEK-CXO3M_09 Datasheet
223Kb / 2P
High Stability/Fast Start-up Crystal Oscillator
CXOLAT STATEK-CXOLAT Datasheet
181Kb / 2P
Ultra-Low Power/Fast Start-Up/Ultra-Miniature
logo
EUROQUARTZ limited
CXOX EUROQUARTZ-CXOX Datasheet
103Kb / 1P
Fast Start-up/Tight Tolerance/High Shock
logo
Gamma Microelectronics ...
GM384X GAMMA-GM384X Datasheet
476Kb / 8P
Low Start-Up and Operating Current
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-402 SYNERGY-OXO100-1-402 Datasheet
243Kb / 2P
Fast Warm-up Time
logo
Shanghai Leiditech Elec...
SMF3.3CA LEIDITECH-SMF3.3CA Datasheet
554Kb / 3P
Glass passivated chip Very fast response time
logo
Guangdong Youtai Semico...
UC2842 UMW-UC2842 Datasheet
832Kb / 9P
Low Start-Up and Operating Current
UC2842 UMW-UC2842_V01 Datasheet
779Kb / 7P
Low Start-Up and Operating Current
UC3842 UMW-UC3842 Datasheet
874Kb / 7P
Low Start-Up and Operating Current
UC3842 UMW-UC3842_V01 Datasheet
881Kb / 7P
Low Start-Up and Operating Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com