Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT3X-DIS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SHT3X-DIS
Description  Very fast start-up and measurement time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X-DIS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SHT3X-DIS Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
October 2015 - Version 1
8/18
Condition
Hex. code
Repeatability
Clock
stretching
MSB
LSB
High
enabled
0x2C
06
Medium
0D
Low
10
High
disabled
0x24
00
Medium
0B
Low
16
e.g. 0x2C06: high repeatability measurement with clock
stretching enabled
Table 8 Measurement commands in single shot mode (Clear
blocks are controlled by the microcontroller, grey blocks by
the sensor)
4.4
Readout of Measurement Results for
Single Shot Mode
After the sensor has completed the measurement, the
master can read the measurement results (pair of RH&
T) by sending a START condition followed by an I2C
read header. The sensor will acknowledge the
reception of the read header and send two bytes of
data (temperature) followed by one byte CRC
checksum and another two bytes of data (relative
humidity) followed by one byte CRC checksum. Each
byte must be acknowledged by the microcontroller with
an ACK condition for the sensor to continue sending
data. If the sensor does not receive an ACK from the
master after any byte of data, it will not continue
sending data.
The sensor will send the temperature value first and
then the relative humidity value. After having received
the checksum for the humidity value a NACK and stop
condition should be sent (see Table 8).
The I2C master can abort the read transfer with a
NACK condition after any data byte if it is not interested
in subsequent data, e.g. the CRC byte or the second
measurement result, in order to save time.
In case the user needs humidity and temperature data
but does not want to process CRC data, it is
recommended to read the two temperature bytes of
data with the CRC byte (without processing the CRC
data); after having read the two humidity bytes, the read
transfer can be aborted with a with a NACK.
No Clock Stretching
When a command without clock stretching has been
issued, the sensor responds to a read header with a not
acknowledge (NACK), if no data is present.
Clock Stretching
When a command with clock stretching has been
issued, the sensor responds to a read header with an
ACK and subsequently pulls down the SCL line. The
SCL line is pulled down until the measurement is
complete. As soon as the measurement is complete,
the sensor releases the SCL line and sends the
measurement results.
4.5
Measurement Commands for Periodic
Data Acquisition Mode
In this mode one issued measurement command yields
a stream of data pairs. Each data pair consists of one
16 bit temperature and one 16 bit humidity value (in this
order).
In periodic mode different measurement commands can
be selected. The corresponding 16 bit commands are
shown in Table 9. They differ with respect to
repeatability (low, medium and high) and data
acquisition frequency (0.5, 1, 2, 4 & 10 measurements
per second, mps). Clock stretching cannot be selected
in this mode.
The data acquisition frequency and the repeatability
setting influences the measurement duration and the
current consumption of the sensor. This is explained in
section 0 of this datasheet.
If a measurement command is issued, while the sensor
is busy with a measurement (measurement durations
see Table 4), it is recommended to issue a break
command first (see section 4.8). Upon reception of the
break command the sensor will finish the ongoing
measurement and enter the single shot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com