Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT3X-DIS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SHT3X-DIS
Description  Very fast start-up and measurement time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X-DIS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SHT3X-DIS Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
October 2015 - Version 1
5/18
2.2
Timing Specification for the Sensor System
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units Comments
Power-up time
tPU
After hard reset,
VDD ≥ VPOR
-
0.5
1
ms
Time between VDD reaching
VPOR and sensor entering idle
state
Soft reset time
tSR
After soft reset.
-
0.5
1
ms
Time between ACK of soft
reset command and sensor
entering idle state
Duration of reset pulse
tRESETN
350
-
-
ns See section 3.6
Measurement duration
tMEAS,l
Low repeatability
-
2.5
4
ms The three repeatability modes
differ with respect to
measurement duration, noise
level and energy consumption.
tMEAS,m
Medium repeatability
-
4.5
6
ms
tMEAS,h
High repeatability
-
12.5
15
ms
Table 4 System timing specification, valid from -40 °C to 125 °C and 2.4 V to 5.5 V.
2.3
Absolute Minimum and Maximum Ratings
Stress levels beyond those listed in Table 5 may cause permanent damage to the device or affect the reliability of the
sensor. These are stress ratings only and functional operation of the device at these conditions is not guaranteed.
Parameter
Rating
Units
Supply voltage VDD
-0.3 to 6
V
Max Voltage on pins (pin 1 (SDA); pin 2 (ADDR); pin 3 (ALERT); pin 4 (SCL); pin 6
(nRESET))
-0.3 to VDD+0.3
V
Input current on any pin
±100
mA
Operating temperature range
-40 to 125
°C
Storage temperature range
-40 to 150
°C
ESD HBM (human body model)9
4
kV
ESD CDM (charge device model)10
750
V
Table 5 Minimum and maximum ratings; values may only be applied for short time periods.
9
Sensor in application configuration (pin 7 connected to VSS). ESD HBM 2 kV according to JEDEC JS-001.
10
According to JEDEC JS-002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com