Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0330 Datasheet(PDF) 46 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 46 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 42Page - ON Semiconductor AR0330 Datasheet HTML 43Page - ON Semiconductor AR0330 Datasheet HTML 44Page - ON Semiconductor AR0330 Datasheet HTML 45Page - ON Semiconductor AR0330 Datasheet HTML 46Page - ON Semiconductor AR0330 Datasheet HTML 47Page - ON Semiconductor AR0330 Datasheet HTML 48Page - ON Semiconductor AR0330 Datasheet HTML 49Page - ON Semiconductor AR0330 Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
AR0330: 1/3-Inch CMOS Digital Image Sensor
Sensor Readout
AR0330_DS Rev. U Pub. 4/15 EN
46
©Semiconductor Components Industries, LLC,2015.
Sensor Readout
Image Acquisition Modes
The AR0330 supports two image acquisition modes:
• Electronic rolling shutter (ERS) mode
This is the normal mode of operation. When the AR0330 is streaming; it generates
frames at a fixed rate, and each frame is integrated (exposed) using the ERS. When the
ERS is in use, timing and control logic within the sensor sequences through the rows
of the array, resetting and then reading each row in turn. In the time interval between
resetting a row and subsequently reading that row, the pixels in the row integrate inci-
dent light. The integration (exposure) time is controlled by varying the time between
row reset and row readout. For each row in a frame, the time between row reset and
row readout is the same, leading to a uniform integration time across the frame. When
the integration time is changed (by using the two-wire serial interface to change regis-
ter settings), the timing and control logic controls the transition from old to new inte-
gration time in such a way that the stream of output frames from the AR0330 switches
cleanly from the old integration time to the new while only generating frames with
uniform integration. See “Changes to Integration Time” in the AR0330 Register Refer-
ence.
• Global reset mode
This mode can be used to acquire a single image at the current resolution. In this
mode, the end point of the pixel integration time is controlled by an external electro-
mechanical shutter, and the AR0330 provides control signals to interface to that shut-
ter.
The benefit of using an external electromechanical shutter is that it eliminates the
visual artifacts associated with ERS operation. Visual artifacts arise in ERS operation,
particularly at low frame rates, because an ERS image effectively integrates each row
of the pixel array at a different point in time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com