Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0330 Datasheet(PDF) 40 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 36Page - ON Semiconductor AR0330 Datasheet HTML 37Page - ON Semiconductor AR0330 Datasheet HTML 38Page - ON Semiconductor AR0330 Datasheet HTML 39Page - ON Semiconductor AR0330 Datasheet HTML 40Page - ON Semiconductor AR0330 Datasheet HTML 41Page - ON Semiconductor AR0330 Datasheet HTML 42Page - ON Semiconductor AR0330 Datasheet HTML 43Page - ON Semiconductor AR0330 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
40
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Pixel Output Interfaces
MIPI Interface
The serial pixel data interface uses the following output-only signal pairs:
•DATA1_P
•DATA1_N
•DATA2_P
•DATA2_N
•DATA3_P
•DATA3_N
•DATA4_P
•DATA4_N
•CLK_P
•CLK_N
The signal pairs use both single-ended and differential signaling, in accordance with the
the MIPI Alliance Specification for D-PHY v1.00.00. The serial pixel data interface is
enabled by default at power up and after reset.
The DATA0_P, DATA0_N, DATA1_P, DATA1_N, CLK_P and CLK_N pads are set to the Ultra
Low Power State (ULPS) if the serial disable bit is asserted (R0x301A-B[12]=1) or when
the sensor is in the hardware standby or soft standby system states.
When the serial pixel data interface is used, the LINE_VALID, FRAME_VALID, PIXCLK
and dout[11:0] signals (if present) can be left unconnected.
Serial Configuration
The serial format should be configured using R0x31AC. This register should be
programmed to 0x0C0C when using the parallel interface.
The R0x0112-3 register can be programmed to any of the following data format settings
that are supported:
• 0x0C0C – Sensor supports RAW12 uncompressed data format
• 0x0C0A – The sensor supports RAW12 compressed format (10-bit words) using 12-10
bit A-LAW Compression. See “Compression” on page 59.
• 0x0A0A – Sensor supports RAW10 uncompressed data format. This mode is supported
by discarding all but the upper 10 bits of a pixel value.
• 0x0808 – Sensor supports RAW8 uncompressed data format. This mode is supported
by discarding all but the upper 8 bits of a pixel value (MIPI only).
The serial_format register (R0x31AE) register controls which serial interface is in use
when the serial interface is enabled (reset_register[12] = 0). The following serial formats
are supported:
• 0x0201 – Sensor supports single-lane MIPI operation
• 0x0202 – Sensor supports dual-lane MIPI operation
• 0x0204 – Sensor supports quad-lane MIPI operation
• 0x0304 - Sensor supports quad-lane HiSPi operation
The MIPI timing registers must be configured differently for 10-bit or 12-bit modes.
These modes should be configured when the sensor streaming is disabled. See Table 31
on page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com