Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0330 Datasheet(PDF) 54 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 54 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 50Page - ON Semiconductor AR0330 Datasheet HTML 51Page - ON Semiconductor AR0330 Datasheet HTML 52Page - ON Semiconductor AR0330 Datasheet HTML 53Page - ON Semiconductor AR0330 Datasheet HTML 54Page - ON Semiconductor AR0330 Datasheet HTML 55Page - ON Semiconductor AR0330 Datasheet HTML 56Page - ON Semiconductor AR0330 Datasheet HTML 57Page - ON Semiconductor AR0330 Datasheet HTML 58Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
AR0330: 1/3-Inch CMOS Digital Image Sensor
Slave Mode
AR0330_DS Rev. U Pub. 4/15 EN
54
©Semiconductor Components Industries, LLC,2015.
Figure 37:
Slave Mode Example with Equal Integration and Frame Readout Periods
The integration of the last row is therefore started before the end of the programmed integration for the first row.
The row shutter and read operations will stop when the slave mode becomes active and
is waiting for the VD signal. The following should be considered when configuring the
sensor to use the slave mode:
1. The frame period (TFRAME) should be configured to be less than the period of the
input VD signal. The sensor will disregard the input VD signal if it appears before the
frame readout is finished.
2. If the sensor integration time is configured to be less than the frame period, then the
sensor will not have reset all of the sensor rows before it begins waiting for the input
VD signal. This error can be minimized by configuring the frame period to be as close
as possible to the desired frame rate (period between VD signals).
Inactive
Active
Row 0
Row N
Inactive
Active
Rising
Edge
Rising
Edge
Row Readout
Programmed Integration
Integration due to
Slave Mode Delay
Slave Mode
Trigger
Rising edge of VD
signal triggers the start
of the frame readout.
Row Reset
(start of integration)
Frame
Valid
VD Signal
Rising
Edge
The Slave Mode will become
“Active” after the last row period.
Both the row reset and row read
operations will wait until the rising
edge of the VD signal..
Row reset and read
operations begin
after the rising edge
of the VD signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com