Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0330 Datasheet(PDF) 22 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 18Page - ON Semiconductor AR0330 Datasheet HTML 19Page - ON Semiconductor AR0330 Datasheet HTML 20Page - ON Semiconductor AR0330 Datasheet HTML 21Page - ON Semiconductor AR0330 Datasheet HTML 22Page - ON Semiconductor AR0330 Datasheet HTML 23Page - ON Semiconductor AR0330 Datasheet HTML 24Page - ON Semiconductor AR0330 Datasheet HTML 25Page - ON Semiconductor AR0330 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
22
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Electrical Characteristics
Table 16:
I/O Timing
fEXTCLK = 24 MHz; VDD = 1.8V; VDD_IO = 1.8V; VAA = 2.8V; VAA_PIX = 2.8V; VDD_PLL = 2.8V;
Output load = 68.5pF; TJ = 60°C; CLK_OP = 98 MPixel/s
Symbol
Definition
Conditions
Min
Typ
Max
Units
fEXTCLK
Input clock frequency
PLL enabled
6
24
27
MHz
tEXTCLK
Input clock period
PLL enabled
166
41
20
ns
tR
Input clock rise time
0.5
Sine
wave
rise time
ns
tF
Input clock fall time
0.5
Sine
wavefall
time
ns
Clock duty cycle
45
50
55
%
tJITTER
Input clock jitter
0.3
ns
Output pin slew
Fastest
CLOAD = 15pF
0.7
V/ns
fPIXCLK
PIXCLK frequency
Default
80
MHz
tPD
PIXCLK to data valid
Default
3
ns
tPFH
PIXCLK to FRAME_VALID HIGH
Default
3
ns
tPLH
PIXCLK to LINE_VALID HIGH
Default
3
ns
tPFL
PIXCLK to FRAME_VALID LOW
Default
3
ns
tPLL
PIXCLK to LINE_VALID LOW
Default
3
ns
Table 17:
Parallel I/O Rise Slew Rate
fEXTCLK = 24 MHz; VDD = 1.8V; VAA = 2.8V; VAA_PIX = 2.8V; VDD_PLL = 2.8V; Output load = 68.5pF;
TJ = 60°C; CLK_OP = 98 MPixel/s
VDD_IO
Parallel Slew Rate (R0x306E[15:13])
Units
0
1
2
3
4
5
6
7
1.70V
0.069
0.115
0.172
0.239
0.325
0.43
0.558
0.836
V/ns
1.80V
0.078
0.131
0.195
0.276
0.375
0.507
0.667
1.018
1.95V
0.093
0.156
0.233
0.331
0.456
0.62
0.839
1.283
2.50V
0.15
0.252
0.377
0.539
0.759
1.07
1.531
2.666
2.80V
0.181
0.305
0.458
0.659
0.936
1.347
1.917
3.497
3.10V
0.212
0.361
0.543
0.78
1.114
1.618
2.349
4.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com