Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0330 Datasheet(PDF) 52 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 52 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 48Page - ON Semiconductor AR0330 Datasheet HTML 49Page - ON Semiconductor AR0330 Datasheet HTML 50Page - ON Semiconductor AR0330 Datasheet HTML 51Page - ON Semiconductor AR0330 Datasheet HTML 52Page - ON Semiconductor AR0330 Datasheet HTML 53Page - ON Semiconductor AR0330 Datasheet HTML 54Page - ON Semiconductor AR0330 Datasheet HTML 55Page - ON Semiconductor AR0330 Datasheet HTML 56Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
52
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Sensor Frame Rate
Row Period (TROW)
The line_length_pck will determine the number of clock periods per row and the row
period (TROW) when combined with the sensor readout clock. The line_length_pck
includes both the active pixels and the horizontal blanking time per row. The sensor
utilizes two readout paths, as seen in Figure 18 on page 33, allowing the sensor to output
two pixels during each pixel clock.
The minimum line_length_pck is defined as the maximum of the following three equa-
tions:
ADC Readout Limitation:
(EQ 20)
Options to modify this limit, as mentioned in the “Sequencer” section, can be found in
the AR0330 Developer Guide.
Digital Readout Limitation:
(EQ 21)
Output Interface Limitations:
(EQ 22)
Row Periods Per Frame
The frame_length_lines determines the number of row periods (TROW) per frame. This
includes both the active and blanking rows. The minimum_vertical_blanking value is
defined by the number of OB rows read per frame, two embedded data rows, and two
blank rows.
(EQ 23)
The sensor is configured to output frame information in two embedded data rows by
setting R0x3064[8] to 1 (default). If R0x3064[8] is set to 0, the sensor will instead output
two blank rows. The data configured in the two embedded rows is defined in MIPI CSI-2
Specification V1.00.
The locations of the OB rows, embedded rows, and blank rows within the frame readout
are identified in Figure 36: “Slave Mode Active State and Vertical Blanking,” on page 53.
Table 37:
Minimum Vertical Blanking Configuration
R0x3180[0x00F0]
OB Rows
minimum_vertical_blanking
0x8 (Default)
8 OB Rows
8 OB + 4 = 12
0x4
4 OB Rows
4 OB + 4 = 8
0x2
2 OB Rows
2 OB + 4 = 6
1204 ADC_HIGH_SPEED

0
=
or
1116 ADC_HIGH_SPEED

10

=
1
3
---
x_addr_end
x_addr_start
x_odd_inc
1
+
 0.5
-----------------------------------------------------------------
1
2
---
x_addr_end
x_addr_start
x_odd_inc
1
+
 0.5
-----------------------------------------------------------------
96
+
Minimum frame_length_lines
y_addr_end
y_addr_start
y_odd_inc
1
+
 2
-----------------------------------------------------------------
minimum_vertical_blanking
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com