Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0330 Datasheet(PDF) 37 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 33Page - ON Semiconductor AR0330 Datasheet HTML 34Page - ON Semiconductor AR0330 Datasheet HTML 35Page - ON Semiconductor AR0330 Datasheet HTML 36Page - ON Semiconductor AR0330 Datasheet HTML 37Page - ON Semiconductor AR0330 Datasheet HTML 38Page - ON Semiconductor AR0330 Datasheet HTML 39Page - ON Semiconductor AR0330 Datasheet HTML 40Page - ON Semiconductor AR0330 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
37
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Pixel Output Interfaces
High Speed Serial Pixel Data Interface
The High Speed Serial Pixel (HiSPi) interface uses four data and one clock low voltage
differential signaling (LVDS) outputs.
•SLVSC_P
•SLVSC_N
•SLVS0_P
•SLVS0_N
•SLVS1_P
•SLVS1_N
•SLVS2_P
•SLVS2_N
•SLVS3_P
•SLVS3_N
The HiSPi interface supports three protocols, Streaming S, Streaming SP, and Packetized
SP. The streaming protocols conform to a standard video application where each line of
active or intra-frame blanking provided by the sensor is transmitted at the same length.
The Packetized SP protocol will transmit only the active data ignoring line-to-line and
frame-to-frame blanking data.
These protocols are further described in the High-Speed Serial Pixel (HiSPi™) Interface
Protocol Specification V1.00.00.
The HiSPi interface building block is a unidirectional differential serial interface with
four data and one double data rate (DDR) clock lanes. One clock for every four serial
data lanes is provided for phase alignment across multiple lanes. Figure 21 shows the
configuration between the HiSPi transmitter and the receiver.
Figure 21:
HiSPi Transmitter and Receiver Interface Block Diagram
A camera containing
the HiSPi transmitter
A host (DSP) containing
the HiSPi receiver
Dp0
Dn0
Dp1
Dn1
Dp2
Dn2
Dp3
Dn3
Cp0
Cn0
Tx
PHY0
Rx
PHY0
Dp0
Dn0
Dp1
Dn1
Dp2
Dn2
Dp3
Dn3
Cp0
Cn0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com